Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6685ER Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP6685ER
Description  Evaluation Board Manual
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6685ER Datasheet(HTML) 1 Page - Sipex Corporation

  SP6685ER Datasheet HTML 1Page - Sipex Corporation SP6685ER Datasheet HTML 2Page - Sipex Corporation SP6685ER Datasheet HTML 3Page - Sipex Corporation SP6685ER Datasheet HTML 4Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Rev 02/23/05
SP6685EB Evaluation Board Manual
Copyright 2005 Sipex Corporation
DESCRIPTION AND BOARD SCHEMATIC
The SP6685EB Evaluation Board is a compact circuit including the SP6685 in 3x3mm DFN
and 3 small 0603 capacitors which can provide a stable drive current for a 1W LED such as the
Lumi-LEDs Luxeon I or PWF1 type light sources. The evaluation board is a completely
assembled and tested surface mount board which provides easy probe access points to all
SP6685 inputs and outputs so that the user can quickly connect and measure electrical
characteristics and waveforms.
SP6685EB Schematic
Cout
4.7uF
D1
PWF1
VFB = 50mV Torch 200mA
150mV Flash 700mA
Vin: 2.7-5.5V
Cin
10uF
SP6685
VIN
1
C1
2
FB
7
RSET
6
EN
5
FLASH
4
C2
3
SGND
8
PGND
9
VOUT
10
CF
1uF
RSET
88.7K
RSENSE
0.22ohms
Flash/Torch
ENABLE
TO GET STARTED:
1. Connect VIN from VIN to GND (VIN range 2.7V to 4.2V).
2. Select mode between TORCH and FLASH by putting jumper into corresponding position.
3. Apply High to ON terminal to turn the LED on.
2.7V to 4.2V Input Range
Typical 200mA Torch or 700mA
Flash Output Current
High Efficiency in 1X mode, high
VOUT in 2X mode
Small 3x3mm 10-Pin DFN Package
2.4MHz Switching Frequency
Enables Small Components
Integrated Design with Minimal
Components.
Use with 1 cell Lithium Ion Battery
SP6685EB
Evaluation Board Manual


Similar Part No. - SP6685ER

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6685ER SIPEX-SP6685ER Datasheet
143Kb / 10P
Charge Pump LED Driver For Camera Flash
SP6685ER SIPEX-SP6685ER Datasheet
278Kb / 16P
700mA Buck/Boost Charge Pump LED Driver
logo
Exar Corporation
SP6685ER-L EXAR-SP6685ER-L Datasheet
565Kb / 14P
700mA Buck/Boost Charge Pump LED Driver
SP6685ER-L/TR EXAR-SP6685ER-L/TR Datasheet
565Kb / 14P
700mA Buck/Boost Charge Pump LED Driver
logo
Sipex Corporation
SP6685ER/TR SIPEX-SP6685ER/TR Datasheet
278Kb / 16P
700mA Buck/Boost Charge Pump LED Driver
More results

Similar Description - SP6685ER

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6126 SIPEX-SP6126_1 Datasheet
375Kb / 8P
Evaluation Board Manual
SP6652LED SIPEX-SP6652LED Datasheet
505Kb / 4P
Evaluation Board Manual
SP6654EB SIPEX-SP6654EB Datasheet
185Kb / 4P
Evaluation Board Manual
SP6687 SIPEX-SP6687_06 Datasheet
61Kb / 4P
Evaluation Board Manual
SP7615 SIPEX-SP7615_1 Datasheet
84Kb / 4P
Evaluation Board Manual
SP7618 SIPEX-SP7618_06 Datasheet
87Kb / 6P
Evaluation Board Manual
SP7619 SIPEX-SP7619_06 Datasheet
61Kb / 4P
Evaluation Board Manual
SP7648 SIPEX-SP7648_05 Datasheet
254Kb / 4P
Evaluation Board Manual
SP7662 SIPEX-SP7662_1 Datasheet
545Kb / 11P
Evaluation Board Manual
logo
Eorex Corporation
EP3003EV EOREX-EP3003EV Datasheet
223Kb / 5P
Evaluation Board Manual
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com