Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6685ER Datasheet(PDF) 2 Page - Sipex Corporation

Part # SP6685ER
Description  Evaluation Board Manual
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6685ER Datasheet(HTML) 2 Page - Sipex Corporation

  SP6685ER Datasheet HTML 1Page - Sipex Corporation SP6685ER Datasheet HTML 2Page - Sipex Corporation SP6685ER Datasheet HTML 3Page - Sipex Corporation SP6685ER Datasheet HTML 4Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
POWER SUPPLY DATA
Torch Mode 200mA Iout
0
100
200
300
3.0
3.2
3.4
3.6
3.8
4.0
4.2
Vin (V)
Vf = 3.0V
Vf = 3.3V
Vf = 3.6V
Vf = 3.9V
Flash Mode 700mA Iout
0
100
200
300
400
500
600
700
800
900
3.0
3.2
3.4
3.6
3.8
4.0
4.2
Vin (V)
Vf = 3.3V
Vf = 3.6V
Vf = 3.9V
Vf = 4.2V
Figure 1. Torch Mode Output Current
Figure 2. Flash Mode Output Current
Torch Mode 200mA Efficiency
40
50
60
70
80
90
100
3.0
3.2
3.4
3.6
3.8
4.0
4.2
Vin (V)
Vf = 3.0V
Vf = 3.3V
Vf = 3.6V
Vf = 3.9V
Flash Mode 700mA Efficiency
40
50
60
70
80
90
100
3.0
3.2
3.4
3.6
3.8
4.0
4.2
Vin (V)
Vf = 3.3V
Vf = 3.6V
Vf = 3.9V
Vf = 4.2V
Figure 3. Torch Mode Efficiency
Figure 4. Flash Mode Efficiency
Ch1 = EN
Ch2 = Vout
Ch4 = Iin
(0.5A/div)
Figure 5. Startup 200mA Torch, Vin=3.6V, Vout=3.0V.
Figure 6. Startup 700mA Flash, Vin=3.6V, Vout=3.3V.
Ch1 = Vin (AC)
50mV/div
Ch2 = Vout (AC)
50mV/div
Figure 7. Ripple 200mA Torch, Vin=3.6V, Vout=3.15V.
Figure 8. Ripple 700mA Flash, Vin=3.6V, Vout=3.35V.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com