Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6687 Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP6687
Description  Evaluation Board Manual
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6687 Datasheet(HTML) 1 Page - Sipex Corporation

  SP6687 Datasheet HTML 1Page - Sipex Corporation SP6687 Datasheet HTML 2Page - Sipex Corporation SP6687 Datasheet HTML 3Page - Sipex Corporation SP6687 Datasheet HTML 4Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Dec18,2006 RevB
SP6687 Evaluation Board Manual
© 2006 Sipex Corporation
Page 1 of 4
Solved by
TM
SP6687
Evaluation Board Manual
DESCRIPTION AND BOARD SCHEMATIC
The SP6687 Evaluation Board is designed to help the user evaluate the performance of the SP6687 for
use as a 4 LED Driver with matched currents. The evaluation board is a completely assembled and
tested surface mount board which provides easy probe access points to all SP6687 inputs and outputs
so that the user can quickly connect and measure electrical characteristics and waveforms. The
Evaluation Board schematic diagram is shown at Figure 1.
Figure 1. SP6687 Evaluation board Schematic Diagram
•
High Efficiency > 90%
•
Support up to 4 white LEDs
•
Soft Start Function
•
Short Circuit Protection
•
Three Charge Pump Modes: X1, X1.5, X2
•
1MHz Fixed Frequency Oscillator


Similar Part No. - SP6687

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6687 SIPEX-SP6687 Datasheet
246Kb / 12P
4 Channel Charge Pump White LED Driver
SP6687ER1-L SIPEX-SP6687ER1-L Datasheet
246Kb / 12P
4 Channel Charge Pump White LED Driver
SP6687ER1-TR SIPEX-SP6687ER1-TR Datasheet
246Kb / 12P
4 Channel Charge Pump White LED Driver
More results

Similar Description - SP6687

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6126 SIPEX-SP6126_1 Datasheet
375Kb / 8P
Evaluation Board Manual
SP6652LED SIPEX-SP6652LED Datasheet
505Kb / 4P
Evaluation Board Manual
SP6654EB SIPEX-SP6654EB Datasheet
185Kb / 4P
Evaluation Board Manual
SP7615 SIPEX-SP7615_1 Datasheet
84Kb / 4P
Evaluation Board Manual
SP7618 SIPEX-SP7618_06 Datasheet
87Kb / 6P
Evaluation Board Manual
SP7619 SIPEX-SP7619_06 Datasheet
61Kb / 4P
Evaluation Board Manual
SP7648 SIPEX-SP7648_05 Datasheet
254Kb / 4P
Evaluation Board Manual
SP7662 SIPEX-SP7662_1 Datasheet
545Kb / 11P
Evaluation Board Manual
SP7680 SIPEX-SP7680_07 Datasheet
97Kb / 6P
Evaluation Board Manual
logo
Eorex Corporation
EP3003EV EOREX-EP3003EV Datasheet
223Kb / 5P
Evaluation Board Manual
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com