Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6687 Datasheet(PDF) 4 Page - Sipex Corporation

Part # SP6687
Description  Evaluation Board Manual
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6687 Datasheet(HTML) 4 Page - Sipex Corporation

  SP6687 Datasheet HTML 1Page - Sipex Corporation SP6687 Datasheet HTML 2Page - Sipex Corporation SP6687 Datasheet HTML 3Page - Sipex Corporation SP6687 Datasheet HTML 4Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Dec18,2006 RevB
SP6687 Evaluation Board Manual
© 2006 Sipex Corporation
Page 4 of 4
Table2. SP6687EB List of Materials
Reference
Quantity
Value
Description
C1 – C4
4
1uF
06033D105KAT2 AVX
D1 – D4
4
SML-LX2832UWC-TR Vishay
P1 – P9
9
1001-0-15-01-30-02-04-0 Mill-Max
R1 – R4
4
1M
CRCW0603105J100RT6 Vishay
R5
1
24k
CRCW0603243J100RT6 Vishay
S1 – S4
4
Header 4030-22-10-2031 Molex
U1
1
SP6687 Sipex
ORDERING INFORMATION
Model
Temperature Range
Package Type
SP6687EB .................................................. -40°C to +85°C ......................................... SP6687 Evaluation Board
SP6687ER-L/TR .......................................... -40°C to +85°C .............................Lead Free 16 Pin 4mmx4mm QFN
/TR = Tape and Reel
Pack quantity is 2,500 for QFN.
For further assistance:
Email:
Sipexsupport@sipex.com
WWW Support page:
http://www.sipex.com/content.aspx?p=support
Live Technical Chat:
http://www.geolink-group.com/sipex/
Sipex Application Notes:
http://www.sipex.com/applicationNotes.aspx
Sipex Corporation
Headquarters and
Sales Office
233 South Hillview Drive
Milpitas, CA95035
tel: (408) 934-7500
fax: (408) 935-7600
Sipex Corporation reserves the right to make changes to any products described herein. Sipex does not assume
any liability arising out of the application or use of any product or circuit described herein; neither does it convey
any license under its patent rights nor the rights of others.
Solved by
TM



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com