Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP7616EB Datasheet(PDF) 1 Page - Sipex Corporation

Part # SP7616EB
Description  Evaluation Board Manual
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP7616EB Datasheet(HTML) 1 Page - Sipex Corporation

  SP7616EB Datasheet HTML 1Page - Sipex Corporation SP7616EB Datasheet HTML 2Page - Sipex Corporation SP7616EB Datasheet HTML 3Page - Sipex Corporation SP7616EB Datasheet HTML 4Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Rev 07/28/06
SP7616 Evaluation Board Manual
Copyright 2006 Sipex Corporation
LED Drivers for parallel connected LED
Ultra Low Dropout Voltage of 150mV
No EMI, no switching noise
Integrated current matching
PWM and Analog brightness control
Enable/Shutdown control
Shutdown current < 1µA
SP7616 Eval Board Top Side (not to scale)
DESCRIPTION AND BOARD SCHEMATIC
This Evaluation Board is designed to help the user evaluate performance of the SP7616 for use
as a LED Driver. The evaluation board is a completely assembled and tested surface mount
board which provides easy probe access points to all inputs and outputs so that the user can
quickly connect and measure electrical characteristics and waveforms. The Evaluation Board
schematic diagram is shown in Figure 1. The SP7616 driver provides a simple solution for a
matched current source for any color LED. The current in the LEDs is programmed by an
external resistor. The SP7616 is capable of driving up to four LED chains from a source of up to
30Vin.
The evaluation board contains one SP7616 driver, and four locations to solder the led chains for
ease of use. The user will need to supply an active high PWM signal or an external power
supply with at least 2.5V volts to turn the Sp7616 driver on. (Note R2 on the PCB is referred to
as Rset in the data sheet.)
Figure 1. Evaluation Board Schematic Diagram for SP7616
SP7616
Evaluation Board Manual
R2=46K


Similar Part No. - SP7616EB

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP7616EB EXAR-SP7616EB Datasheet
1Mb / 11P
High Accuracy 4-Channel Low Side LED Driver for CCFL Replacement
More results

Similar Description - SP7616EB

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6126 SIPEX-SP6126_1 Datasheet
375Kb / 8P
Evaluation Board Manual
SP6652LED SIPEX-SP6652LED Datasheet
505Kb / 4P
Evaluation Board Manual
SP6654EB SIPEX-SP6654EB Datasheet
185Kb / 4P
Evaluation Board Manual
SP6687 SIPEX-SP6687_06 Datasheet
61Kb / 4P
Evaluation Board Manual
SP7615 SIPEX-SP7615_1 Datasheet
84Kb / 4P
Evaluation Board Manual
SP7618 SIPEX-SP7618_06 Datasheet
87Kb / 6P
Evaluation Board Manual
SP7619 SIPEX-SP7619_06 Datasheet
61Kb / 4P
Evaluation Board Manual
SP7648 SIPEX-SP7648_05 Datasheet
254Kb / 4P
Evaluation Board Manual
SP7662 SIPEX-SP7662_1 Datasheet
545Kb / 11P
Evaluation Board Manual
logo
Eorex Corporation
EP3003EV EOREX-EP3003EV Datasheet
223Kb / 5P
Evaluation Board Manual
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com