Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP7616EB Datasheet(PDF) 2 Page - Sipex Corporation

Part # SP7616EB
Description  Evaluation Board Manual
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP7616EB Datasheet(HTML) 2 Page - Sipex Corporation

  SP7616EB Datasheet HTML 1Page - Sipex Corporation SP7616EB Datasheet HTML 2Page - Sipex Corporation SP7616EB Datasheet HTML 3Page - Sipex Corporation SP7616EB Datasheet HTML 4Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
USING THE EVALUATION BOARD
1) Vin requirements and PWM pin
The user of the SP7616 will need to supply Vin and an PWM signal that is active high. The
PWM pin signal is a logic level signal and should range between 0 an 5V. The threshold is 2.4V
for a logic high.
2) Setting the LED current
The LED current is set through the Iset resistor. The SP7616 provides an internal reference
voltage that is set to 1V at the ISETPin (Pin3). RSET is then determined by using equation 1.
R2 = VISET*IMULT/ILED (kΩ),
(1)
Where
VISET is the internal reference (1V)
IMULT Current Multiplication Ratio
ILED is the desired Led current.
In example 1: For a 20mA LED current, the current set resistor should be
R2=1V*920/20mA (kΩ),
R2=46K
3) LED dimming
PWM dimming
The LED dimming control is done through the PWM pin. The acceptable frequency range of this
signal is 100Hz to 5 kHz. The acceptable duty cycle range of the signal is 10% to 90% at 1KHZ.
When the PWM pin is driven low, only the LED current sources are disabled while the rest of the
chip is still enabled. .
Analog dimming control
Besides digital PWM control, the LED current can be controlled continuously (from high to low
LED current) by raising the voltage at the bottom of RSET from 0V to 1V maximum. RSET value
may be determined from equation 1. Equation 2 shows the effect of using a VMOD in the circuit
on the Led current
ILED = (1V – VMOD)*IMULT/RSET mA
(2)
Where
1V
typical ISET pin voltage
IMULT Current Multiplication Ratio
ILED is the desired Led current.
VMOD is the adjustment voltage
VMOD is an adjustment voltage applied to the bottom side of R2, 920 is a typical current
multiplication ratio IMULT, and ILED is a required LED current in mA/channel. Figure 2 shows the
location of the external VMOD source.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com