Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP7618 Datasheet(PDF) 2 Page - Sipex Corporation

Part # SP7618
Description  Evaluation Board Manual
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP7618 Datasheet(HTML) 2 Page - Sipex Corporation

  SP7618 Datasheet HTML 1Page - Sipex Corporation SP7618 Datasheet HTML 2Page - Sipex Corporation SP7618 Datasheet HTML 3Page - Sipex Corporation SP7618 Datasheet HTML 4Page - Sipex Corporation SP7618 Datasheet HTML 5Page - Sipex Corporation SP7618 Datasheet HTML 6Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Dec 7-06
SP7618 Evaluation Board Manual
© 2006 Sipex Corporation
Page 2 of 6
The SP7618 Evaluation Board is designed to help the user evaluate the performance of the SP7618 for use as a
single photo flash Luxeon LED Driver. The evaluation board is a completely assembled and tested surface mount
board which provides easy probe access points to all SP7618 inputs and outputs so that the user can quickly
connect and measure electrical characteristics and waveforms. The Evaluation Board schematic diagram is shown
at Figure 1.
The SP7618 is a linear low side constant current driver designed to drive high power LEDs from an input voltage
rail. The driver acts as a high current source ensuring constant LED current for a range of input voltage. The
SP7618 allows implementing the lowest cost LED driver for a variety of applications. Internal circuitry maintains the
preset constant current output for a wide voltage range at the LED input.
The LED current can be adjusted up to 1033mA with an external clock applied to the CTRL pin. The built-in thermal
protection automatically stops LED current to prevent overheating. A timeout function serves as a fail safe, shutting
down the output for currents greater than 266mA after 4 seconds of continuous operation if the enable input is not
cycled. The part can be shutdown by using the EN pin or holding the CTRL pin low for more than 100µS.
The evaluation board contains SP7618 driver (U2) with one Luxeon Flash LED as a load (D1) and pulse generator.
The pulse generator (U1, U4, and U5) is used to provide a pulse sequence to the driver’s CTRL and EN pins to set
LED current and turn the driver on/off. The number of pulses that determines LED current may be set by 5-bit dip-
switch (U3) using binary code. The number of pulses depend on switch position is shown on Table 1.
.
USING THE EVALUATION BOARD
1) Selecting the LED current
LED current can be adjusted up to 1033mA with a series of pulses applied to the CTRL pin. Each pulse increases
the output current in steps of 33.33mA. The maximum number of the pulses is 31. The 32
nd and following pulses
are ignored. The number of pulses depends on the switch position as shown on Table 1, which is on the next page.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com