Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP7618 Datasheet(PDF) 3 Page - Sipex Corporation

Part # SP7618
Description  Evaluation Board Manual
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP7618 Datasheet(HTML) 3 Page - Sipex Corporation

  SP7618 Datasheet HTML 1Page - Sipex Corporation SP7618 Datasheet HTML 2Page - Sipex Corporation SP7618 Datasheet HTML 3Page - Sipex Corporation SP7618 Datasheet HTML 4Page - Sipex Corporation SP7618 Datasheet HTML 5Page - Sipex Corporation SP7618 Datasheet HTML 6Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Dec 7-06
SP7618 Evaluation Board Manual
© 2006 Sipex Corporation
Page 3 of 6
.
Position of DIP-Switches
Number
of pulses
1
2
3
4
5
1
+
+
+
+
2
+
+
+
+
3
+
+
+
4
+
+
+
+
5
+
+
+
6
+
+
+
7
+
+
8
+
+
+
+
9
+
+
+
10
+
+
+
11
+
+
12
+
+
+
13
+
+
14
+
+
15
+
16
+
+
+
+
17
+
+
+
18
+
+
+
19
+
+
20
+
+
+
21
+
+
22
+
+
23
+
24
+
+
+
25
+
+
26
+
+
27
+
28
+
+
29
+
30
+
31
Table 1. Code Table
Note:
“+”- this switch is in ON position
If all switches are in ON position the number of pulses is 256.
2) Powering Up the SP7618 Circuit
The SP7618 Evaluation Board can be powered from a 4.5V power supply or from 3 alkaline cells.
Connect 4.5V source pin with short lead directly to the “Vin” and -4.5V/GND pin to the “GND” posts.
Install shunt S1 to short pins 2-3 (The Evaluation board is delivered by default with shunt in this position. If shunt S1
isn’t installed or short pins 1-2 the driver SP7618 is disabled).
Push the button S2. Driver (U2) will provide to the LED current in respect to dip-switch (U3) position. If the output
current is higher than 266mA (8 pulses), the driver will turn off after 4s to prevent LED damage. Every push on
button S2 turns the driver off/on and sends the CTRL pin a new pulse sequence depending on the dip-switch
position.
Disconnect Evaluation board from power supply to turn it off.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com