Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPX4041M Datasheet(PDF) 2 Page - Sipex Corporation

Part # SPX4041M
Description  Precision 1.24V Shunt Voltage Reference
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX4041M Datasheet(HTML) 2 Page - Sipex Corporation

  SPX4041M Datasheet HTML 1Page - Sipex Corporation SPX4041M Datasheet HTML 2Page - Sipex Corporation SPX4041M Datasheet HTML 3Page - Sipex Corporation SPX4041M Datasheet HTML 4Page - Sipex Corporation SPX4041M Datasheet HTML 5Page - Sipex Corporation SPX4041M Datasheet HTML 6Page - Sipex Corporation SPX4041M Datasheet HTML 7Page - Sipex Corporation SPX4041M Datasheet HTML 8Page - Sipex Corporation SPX4041M Datasheet HTML 9Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Date: 11/29/04
SPX4041 Precision 1.24V Shunt Voltage Reference
© Copyright 2004 Sipex Corporation
2
ABSOLUTE MAXIMUM RATINGS
Stresses greater than those listed under ABSOLUTE
MAXIMUM RATINGS may cause permanent damage
to the device. This is a stress rating only and functional
operation of the device at these or any other conditions
above those indicated in the operational sections of this
specification is not implied. Exposure to absolute maxi-
mum rating conditions for extended periods may affect
reliability.
ELECTRICAL CHARACTERISTICS I
IN = 1000µA, TA = 25°C, unless otherwise specified.
Reverse Current (IKA)) ...................................... 20mA
Forward Current (IAK) ....................................... 10mA
Operating Temperature Range (TA) ...... -40 to +85°C
Junction Temperature (TJ) .............................. 150°C
Storage Temperature (TSTG) ................ - 65 to 150°C
Lead Temperature (Soldering 10 sec.), TL ......... 300°C
*CALCULATING AVERAGE TEMPERATURE COEFFICIENT (TC)
∆T
∆VKA
015
30
4560
7590
105
-5
0.5
5000
0
00
27 ppm/°C
TC in mV/°C =
TC in % /°C =
∆VKA(mV)
∆T
A
∆T
A
∆VKA at 25°C
∆VKA
x 100
()
TC in ppm/°C =
∆T
A
∆VKA at 25°C
∆VKA
x106
()
ppm
%
mV
Junction Temperature (°C)
0.033 mV/
°C
0.0027 %/
°C
Figure 2. V
REF vs. Temperature
PARAMETER
CONDITIONS
MIN.
TYP.
MAX
MIN.
TYP.
MAX.
UNIT
Reverse Breakdown Voltage
I
R=500µA
1.24
1.24
V
Reverse Breakdown
I
R=500µA
±12
±25
mV
Tolerance
-40°C≤T
A≤85°C
±29
±49
Dynamic Output Impedance
0.60
2.00
0.60
2.00
Ω
Noise Voltage
0.1kHz≤f≤10Hz
15
15
µV
PP
Temperature Coefficient
Note 1
100
100
ppm/°c
Turn-on Setting
0.1% of V
OUT
30
30
µs
Temperature Range (T
A)
-40
85
-40
85
°C
Operating Current Range
0.5
5.0
0.5
5.0
mA
15.0
15.0
Thermal Resistance
TO-92 Θ
JA
160
160
°C/W
TO-92 Θ
JC
80
80
SOIC-8 Θ
JA
175
175
SOIC-8 Θ
JC
45
45
SOT-23 Θ
JA
575
575
SOT-23 Θ
JC
150
150
Note 1. Three-point measurement guarantees the error band over the specified temperature range.
SPX4041A
SPX4041



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com