Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPX4041M Datasheet(PDF) 1 Page - Sipex Corporation

Part # SPX4041M
Description  Precision 1.24V Shunt Voltage Reference
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX4041M Datasheet(HTML) 1 Page - Sipex Corporation

  SPX4041M Datasheet HTML 1Page - Sipex Corporation SPX4041M Datasheet HTML 2Page - Sipex Corporation SPX4041M Datasheet HTML 3Page - Sipex Corporation SPX4041M Datasheet HTML 4Page - Sipex Corporation SPX4041M Datasheet HTML 5Page - Sipex Corporation SPX4041M Datasheet HTML 6Page - Sipex Corporation SPX4041M Datasheet HTML 7Page - Sipex Corporation SPX4041M Datasheet HTML 8Page - Sipex Corporation SPX4041M Datasheet HTML 9Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Date: 11/29/04
SPX4041 Precision 1.24V Shunt Voltage Reference
© Copyright 2004 Sipex Corporation
1
FEATURES
■ Voltage Tolerance........................1% and 2%
■ Wide Operating Curren..........100µA to 15mA
■ Low Temperature Coefficient.........50ppm/°C
■ Fixed Reverse Breakdown Voltage.......1.24V
■ No Output Capacitance Required
■ Two Terminal "Zener" Operation
■ Improved Replacement for TL431
Precision 1.24V Shunt Voltage Reference
SPX4041
The SPX4041 is a 2-terminal, temperature compensated, band-gap voltage reference which
provides a fixed 1.24V output for input currents between 160µA and 15mA. The bandgap voltage
(1.24V) is independently laser trimmed from the output voltage to achieve a very low temperature
coefficient, then the output voltage is trimmed to 1.24V. This trimming technique and the low
temperature coefficient (A grade: 50 ppm/°C) thin film resistor process gives a very stable device
over the full temperature range. The SPX4041 is available in the sub miniature 3 pin SOT-23,
3 pin TO-92 or 8 pin NSOIC packages. The operating temperature is -40°C to 85°C. The
SPX4041 advanced design eliminates the need for an external stabilized capacitor while insuring
stability with any capacitive load, making it easy to use.
®
Figure 1: Block Diagram
APPLICATIONS
■ Constant Current Source
■ Digital Voltmeter
■ Power Management
■ Precision Regulators
Anode (A)
Cathode (K)
1.24V
+
-
DESCRIPTION
TYPICAL APPLICATIONS CIRCUIT
Now Available in Lead Free Packaging
■ Battery Powered Equipment
■ Instrumentation
■ Automotive Electronics
■ Data Acquisition Systems
1
2
3
4
5
6
7
8
SPX4041
8 Pin nSOIC
CATHODE
N/C
ANODE
N/C
N/C
N/C
N/C
N/C


Similar Part No. - SPX4041M

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SPX4041 SIPEX-SPX4041 Datasheet
147Kb / 7P
Precision Micropower 1.24V Shunt Voltage Reference
SPX4041AM-2 SIPEX-SPX4041AM-2 Datasheet
147Kb / 7P
Precision Micropower 1.24V Shunt Voltage Reference
SPX4041AM-3 SIPEX-SPX4041AM-3 Datasheet
147Kb / 7P
Precision Micropower 1.24V Shunt Voltage Reference
SPX4041AN-2 SIPEX-SPX4041AN-2 Datasheet
147Kb / 7P
Precision Micropower 1.24V Shunt Voltage Reference
SPX4041AN-3 SIPEX-SPX4041AN-3 Datasheet
147Kb / 7P
Precision Micropower 1.24V Shunt Voltage Reference
More results

Similar Description - SPX4041M

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS432 STMICROELECTRONICS-TS432 Datasheet
153Kb / 7P
1.24V ADJUSTABLE SHUNT VOLTAGE REFERENCE
Dec-2002
logo
Sipex Corporation
SPX4041 SIPEX-SPX4041 Datasheet
147Kb / 7P
Precision Micropower 1.24V Shunt Voltage Reference
logo
STMicroelectronics
TS3431 STMICROELECTRONICS-TS3431 Datasheet
333Kb / 11P
1.24V Programmable Shunt Voltage Reference
Dec-2004
logo
List of Unclassifed Man...
AS432 ETC1-AS432 Datasheet
37Kb / 7P
1.24V Precision Adjustable Shunt Reference
logo
Unisonic Technologies
TL432C UTC-TL432C Datasheet
103Kb / 3P
1.24V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS
logo
STMicroelectronics
TS3431 STMICROELECTRONICS-TS3431_07 Datasheet
145Kb / 10P
1.24V programmable shunt voltage reference
26-Jun-2007
logo
National Semiconductor ...
LMV431 NSC-LMV431_05 Datasheet
938Kb / 16P
Low-Voltage (1.24V) Adjustable Precision Shunt
logo
Unisonic Technologies
TL432C UTC-TL432C_11 Datasheet
166Kb / 3P
1.24V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS
TL432C UTC-TL432C_12 Datasheet
166Kb / 3P
1.24V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS
TL432C UTC-TL432C_18 Datasheet
208Kb / 4P
1.24V PRECISION ADJUSTABLE SHUNT REFERENCE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com