Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPX5205 Datasheet(PDF) 7 Page - Sipex Corporation

Part # SPX5205
Description  150mA, Low-Noise LDO Voltage Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX5205 Datasheet(HTML) 7 Page - Sipex Corporation

  SPX5205 Datasheet HTML 1Page - Sipex Corporation SPX5205 Datasheet HTML 2Page - Sipex Corporation SPX5205 Datasheet HTML 3Page - Sipex Corporation SPX5205 Datasheet HTML 4Page - Sipex Corporation SPX5205 Datasheet HTML 5Page - Sipex Corporation SPX5205 Datasheet HTML 6Page - Sipex Corporation SPX5205 Datasheet HTML 7Page - Sipex Corporation SPX5205 Datasheet HTML 8Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
Date:12/
18/04
SPX5205 150mA, Low Noise LDO Voltage Regulator
© Copyright 2004 Sipex Corporation
PACKAGE: 5 PIN SOT-23
D
E
E/2
e1
N/2
2
1
b
e
E1
E1/2
N
N/2
+1
L1
L
L
Ø
Seating Plane
Gauge Plane
VIEW C
SEE VIEW C
B
B
c
WITH PLATING
BASE METAL
b
Ø
Ø
SECTION B-B
Seating Plane
VIEW A-A
SIDE VIEW
SYMBOL
MIN
NOM
MAX
A-
-
1.45
A1
0
-
0.15
A2
0.9
1.15
1.3
b0.3
-0.5
c0.08
-
0.22
D
E
E1
e
e1
L0.3
0.45
0.6
L1
L2
Ø0º
4º8º
ø5º
10º
15º
Note: Dimensions in (mm)
5 Pin SOT-23 JEDEC MO-178 (AA) Variation
2.80 BSC
1.60 BSC
2.90 BSC
0.95 BSC
1.90 BSC
0.60 REF
0.25 BSC
A
A2
A1



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com