Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPX5205 Datasheet(PDF) 3 Page - Sipex Corporation

Part # SPX5205
Description  150mA, Low-Noise LDO Voltage Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SPX5205 Datasheet(HTML) 3 Page - Sipex Corporation

  SPX5205 Datasheet HTML 1Page - Sipex Corporation SPX5205 Datasheet HTML 2Page - Sipex Corporation SPX5205 Datasheet HTML 3Page - Sipex Corporation SPX5205 Datasheet HTML 4Page - Sipex Corporation SPX5205 Datasheet HTML 5Page - Sipex Corporation SPX5205 Datasheet HTML 6Page - Sipex Corporation SPX5205 Datasheet HTML 7Page - Sipex Corporation SPX5205 Datasheet HTML 8Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
Date:12/
18/04
SPX5205 150mA, Low Noise LDO Voltage Regulator
© Copyright 2004 Sipex Corporation
TYPICAL PERFORMANCE CHARACTERISTICS
Ground Current vs Load Current
Ground Current vs Input Voltage
1.40
1.20
1.00
0.80
0.60
0.40
0.20
0.00
050
100
150
IL (mA)
3.3V Device
VIN= 3.2V
CL = 1.0µF
110
100
90
80
70
60
50
40
30
46
8
10
12
14
16
VIN (V)
VO = 3.3V
CL = 1.0µF
IL = 100µA
Ground Current vs Load Current in Dropout
Output Voltage vs Input Voltage
2.00
1.50
1.00
0.50
0.00
050
100
150
IL (mA)
3.3V Device
VIN= 4.3V
CL = 1.0µF
3.340
3.335
3.330
3.325
3.320
3.315
3.310
3.305
3.300
3.295
3.290
46
8
10
1214
16
VIN (V)
3.3V Device
CL= 1.0µF
IL = 100µA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com