Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACM-C9-IT Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # ACM-C9-IT
Description  AC PEM C19 IN-LINE SCREW
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

ACM-C9-IT Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  ACM-C9-IT Datasheet HTML 1Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
LC LG Rev-D5 Asize
UNLESS OTHERWISE SPECIFIED
LEADING DIMENSIONS ARE INCHES
DIMENSIONS IN [ ] ARE MILLIMETERS
ALL DIMENSIONS ARE FOR REFERENCE ONLY
AND SUBJECT TO CHANGE WITHOUT NOTICE.
UN-DIMENSIONED/NON-CRITICAL FEATURES
MAY VARY IN SIZE AND LOCATION
COLORS MAY VARY
TOLERANCES:
.XXX = ±.005 [0.13]
.XX = ±.02 [0.5]
.X = ±.2 [5]
± 1/32
FRACTIONS
ANGLES ± 1°
CABLE LENGTH TOLERANCES:
≤12 [305] = +1 [25] / -0
>12 [305] ≤ 60 [1524] = +2 [51] / -0
>60 [1524] ≤ 120 [3048] = +4 [102] / -0
>120 [3048] ≤ 300 [7620] = +6 [152] / -0
>300 [7620] = +5% / -0
Website: www.L-com.com
Phone: 1.800.341.5266 │ 1.978.682.6936
43321
3.951
100.3
2.362
60
.728
18.5
1.034
26.3
1.260
32
NOTES:-
CONNECTOR TYPE: C19
1.
RATING: 16A, 250VAC
2.
FEATURES:
3.
IN-LINE MOUNT SCREW TERMINATIONS
PACKAGING NOTE:
4.
CONNECTOR SHALL BE INDIVIDUALLY PACKAGED, LABEL PER LSP-010-5.
ALL DIMENSIONS FOR REFERENCE ONLY
5.
REVISION
ZONE REV
DESCRIPTION
DATE
CHANGED BY
APPROVED
B
UPDATED PER ECO-13411
02/07/2024
HBAKKE
DREBECK
ITEM NO.
1 OF 1
REV
CAGE CODE
SIZE
A
DRAWN BY
ACM-C9-IT-LC
B
AC PEM C19 IN-LINE SCREW
PSRINIVAS
SHEET
SCALE
NONE
INTERPRET ALL DIMENSIONS AND
TOLERANCES PER ASME Y14.5
A
A
B
B
C
C
D
D
E
E
F
F
6
6
5
5
4
4
3
3
2
2
1
1
DESCRIPTION
THE INFORMATION CONTAINED IN THIS DRAWING IS THE SOLE PROPERTY OF INFINITE ELECTRONICS, INC. ANY REPRODUCTION IN PART OR WHOLE
WITHOUT THE WRITTEN PERMISSION OF INFINITE ELECTRONICS, INC. IS PROHIBITED. THESE COMMODITIES, TECHNOLOGY OR SOFTWARE WERE
EXPORTED FROM THE UNITED STATES IN ACCORDANCE WITH THE EXPORT ADMINISTRATION REGULATIONS. DIVERSION CONTRARY TO U.S. LAW
PROHIBITED.


Similar Part No. - ACM-C9-IT

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
ACM-C5-IT L-COM-ACM-C5-IT Datasheet
76Kb / 1P
AC PEM C15 IN-LINE SCREW
09/22/2023
ACM-C6-N10Q6 L-COM-ACM-C6-N10Q6 Datasheet
109Kb / 1P
AC PEM C16 1.0mm PANEL SNAP-IN 6.3mm QUICK-CONNECT
02/07/2024
ACM-C8-GQ6 L-COM-ACM-C8-GQ6 Datasheet
115Kb / 1P
AC PEM C18 PANEL FLANGE 6.3MM QUICK-CONNECT
01/10/2024
ACM-C8-N10Q4 L-COM-ACM-C8-N10Q4 Datasheet
109Kb / 1P
AC PEM C18 1.0mm PANEL SNAP-IN 4.8mm QUICK-CONNECT
11/07/2023
ACM-C8-N15Q6 L-COM-ACM-C8-N15Q6 Datasheet
108Kb / 1P
AC PEM C18 1.5mm PANEL SNAP-IN 6.3mm QUICK-CONNECT
11/07/2023
More results

Similar Description - ACM-C9-IT

ManufacturerPart #DatasheetDescription
logo
M.S. Kennedy Corporatio...
MSK4800H MSK-MSK4800H Datasheet
718Kb / 5P
600V/450A HALF BRIDGE PEM
MSK4801H MSK-MSK4801H Datasheet
632Kb / 6P
600V/600A HALF BRIDGE PEM
MSK4890H MSK-MSK4890H Datasheet
794Kb / 5P
600V/300A SCR/REGEN PEM
MSK4810 MSK-MSK4810 Datasheet
1Mb / 5P
1200V/450A HALF BRIDGE PEM
logo
Adam Technologies, Inc.
PLF-15DZB2 ADAM-TECH-PLF-15DZB2 Datasheet
89Kb / 1P
EMI/RFI POWER LINE FILTERS SCREW IN CHASSIS MOUNT
logo
Anaren Microwave
MSK4803 ANAREN-MSK4803 Datasheet
537Kb / 8P
600V / 600A HALF BRIDGE PEM
logo
SIFIRST TECHNOLOGIES NA...
SF6010R SIFIRST-SF6010R Datasheet
152Kb / 2P
Built-in AC Line CC Compensation
logo
Littelfuse
276.5105.0002 LITTELFUSE-276.5105.0002_V01 Datasheet
161Kb / 1P
214 TORPEDO SERIES 36V IN-LINE SCREW FUSE HOLDER
2022
MAXIMAB LITTELFUSE-MAXIMAB Datasheet
172Kb / 1P
IN-LINE SCREW TERMINAL FUSE HOLDER
2021
MAXI-MAB LITTELFUSE-MAXI-MAB Datasheet
171Kb / 1P
IN-LINE SCREW TERMINAL FUSE HOLDER
2021 Littelfuse, Inc.
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com