Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALPV150P Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # ALPV150P
Description  ADDERLink Line Powered Video (LPV)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

ALPV150P Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  ALPV150P Datasheet HTML 1Page - Infinite Electronics International, Inc. ALPV150P Datasheet HTML 2Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ADDERLink Line Powered Video (LPV)
The AdderLink LPV has been designed to deliver stunning results at a really attractive price, making
it the perfect introduction to professional digital signage.
The AdderLink LPV digital signage extender is possibly the easiest to install point to point extender available today. In
addition to its simplicity, the LPV also delivers fantastic video up to 150m / 500ft away.
Choosing your signage technology
There are many types of signage technology available on
the market, from small players which sit alongside the
screen to streaming MPEG around large high bandwidth
networks. Adder’s solution is based upon reliability, quality
and simplicity. The three qualities most requested by
professional users.
Delivery of content over CATx cable is by far the simplest
and safest way to deliver your message, requiring minimal
disruption to install, CATx cable can be routed invisibly to
your screens.
There is often a huge amount of mystery surrounding
digital signage technology, acronyms designed to make
technologies seem more than they are, and terms used
specifically to make users believe they are buying into
something new. The reality is, you probably have the
technology already to deliver a simple digital signage
system. Basically, all you need is a computer, a screen and
a way to join the two together. Line extension solutions
simply allow you to keep everything tidy and easy to use by
locating the computer almost anywhere you like.
FEATURES
Video performance
Full HD 1080p, 1080i & 720p
Distances up to 150m (500ft)
Line power
To help reduce cable clutter, the Adderlink LPV has been
designed to be powered by a USB port on your computer.
Power is transmitted alongside the video over CATx cable,
in turn powering your receiver unit.
Absolute simplicity
Getting into professional digital signage has never been
so easy. Simply plug the transmitters VGA port into your
computer and plug in the USB port, then plug the receiver
unit into your screen. Finally, connect the two units
together with a length of CATx cable, and you’re finished.
Now start delivering your message to customers, clients,
staff or who ever you wish.
Advanced DDC Protocol
Unless an extender actively supports DDC (Dynamic Data
Channel), some well-known high performance video cards
cannot be used at high resolutions.The AdderLink LPV fully
supports DDC.
Fit and forget
Adder digital signage products are the professional choice
because they give you the ability to deliver, fit and forget
installations.The LPV is no exception. Rigorously tested
in Adder’s technology labs, so you can buy with real
confidence.
Targeted Messages
Targeting messages to specific areas of your business is
perfectly simple too. By using a multihead graphics card,
you can deliver different messages around your installation
with minimal additional investment.
150m
(500ft)


Similar Part No. - ALPV150P

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
ALPV150R L-COM-ALPV150R Datasheet
534Kb / 2P
ADDERLink LPV150 Line powered video distribution up to 150 meters
More results

Similar Description - ALPV150P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
4DLCD-FT843 ETC2-4DLCD-FT843 Datasheet
616Kb / 10P
Powered by the FTDI FT800 Video Engine
logo
ERNI Electronics
100102170001 ERNI-100102170001 Datasheet
95Kb / 1P
LPV FEDERLEISTE
100802170001 ERNI-100802170001 Datasheet
96Kb / 1P
LPV FEDERLEISTE
100402170001 ERNI-100402170001 Datasheet
95Kb / 1P
LPV FEDERLEISTE
100602170001 ERNI-100602170001 Datasheet
96Kb / 1P
LPV FEDERLEISTE
logo
Analog Devices
AD2022 AD-AD2022_15 Datasheet
2Mb / 6P
LINE POWERED FUNCTIONAL DPM
logo
FSP TECHNOLOGY INC.
FSP300-60GHT FSP-FSP300-60GHT Datasheet
128Kb / 1P
AC -line powered switching power supply
FSP300-70MU FSP-FSP300-70MU Datasheet
142Kb / 1P
AC -line powered switching power supply
logo
Protek Devices
DA8 PROTEC-DA8 Datasheet
471Kb / 5P
High powered multi-line tvs array
logo
XFMRS Inc.
XF0013Q48A XFMRS-XF0013Q48A Datasheet
53Kb / 1P
Line Powered T1 xfmr
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com