Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALPV150P Datasheet(PDF) 2 Page - Infinite Electronics International, Inc.

Part # ALPV150P
Description  ADDERLink Line Powered Video (LPV)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

ALPV150P Datasheet(HTML) 2 Page - Infinite Electronics International, Inc.

  ALPV150P Datasheet HTML 1Page - Infinite Electronics International, Inc. ALPV150P Datasheet HTML 2Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TECHNICAL SPECIFICATIONS
Video Resolution:
Up to 1080p HD video resolution including 1080i & 720p
Extension Distance:
Up to 150m / 500ft
O/S Compatability:
Operating system independent
Connectors (local / remote):
Local end: VGA, USB (for power) RJ45
Remote end: VGA
Physical:
Transmitter: High impact injection moulding: 45mm/1.77” (w), 63mm/2.48” (l),
21mm/.83” (d) - excluding cables
Receiver: High impact injection moulding: 45mm/1.77” (w), 63mm/2.48” (l),
21mm/.83” (d) - excluding cables
Power:
Local interface powered, via USB
Operating temperature:
0°C to 40°C / 32°F to 104°F
Approvals:
CE, FCC
Order Codes:
XX= Mains Lead Country Code:
UK = United Kingdom
US = United States
EURO = Europe
AUS = Australia
ALPV150P-XX
ADDERLink LPV
The AdderLink LPV has been designed to deliver stunning results at a really attractive price, making
it the perfect introduction to professional digital signage.
ADDER TECHNOLOGY
Technology House,Trafalgar Way, Bar Hill,
Cambridge, CB23 8SQ UK
Tel: +44 (0)1954 780044 Fax: +44 (0)1954 780081
email: sales@adder.com www.adder.com
ADDER CORPORATION
350R Merrimac Street
Newburyport, MA 01950 USA
Tel: +1 888 932 3337 Fax: +1 888 275 1117
email: usasales@adder.com www.adder.com
ADDER TECHNOLOGY ASIA PACIFIC
6 New Industrial Road
#07-01 Hoe Huat Industrial Building, Singapore 536199
Tel: +65 6288 5767 Fax: +65 6284 1150
email: asiasales@adder.com www.adder.com
Local, Remote and Global Computer Control
All tradmarks acknowledged. Specifications subject to change without notice.
April 10



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com