Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALPV150R Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # ALPV150R
Description  ADDERLink LPV150 Line powered video distribution up to 150 meters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

ALPV150R Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  ALPV150R Datasheet HTML 1Page - Infinite Electronics International, Inc. ALPV150R Datasheet HTML 2Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
A/V Display
Solutions
Experts in
Connectivity
Solutions
Digital Signage
Professional Video Extender
High density, small form factor
line powered video distribution
ADDERLink LPV150
Line powered video distribution up to 150 meters
PRODUCT IN BRIEF
The ADDERLink LPV has been de-
signed to deliver stunning results at
a really attractive price, making it the
perfect introduction to professional
digital signage.
The ADDERLink LPV digital signage
extender is possibly the easiest to
install point to point extender available
today. In addition to its simplicity, the
LPV also delivers fantastic video up to
150m away.
Targeted Messages
Targeting messages to specific areas of
your business is perfectly simple too.
By using a multihead graphics card, you
can deliver different messages around
your installation with minimal additional
investment.
Video sharpness adjustment
The remote module has a video
adjustment skew to control picture
sharpness on the display screen.
Choosing your signage technology
There are many types of signage
technology available on the market,
from small players which sit alongside
the screen to streaming MPEG around
large high bandwidth networks. Adder’s
solution is based upon reliability, quality
and simplicity.The three qualities most
requested by professional users.
Delivery of content over CATx cable
is by far the simplest and safest way to
deliver your message, requiring minimal
disruption to install, CATx cable can be
routed invisibly to your screens.
FEATURES
Video performance
Full HD 1080p, 1080i & 720p
Distances up to 150m (500ft)
Line power
To help reduce cable clutter, the
ADDERLink LPV has been designed
to be powered by a USB port on your
computer. What’s more though, is that
this power is also transmitted alongside
the video over CATx cable, in turn
powering your receiver unit.
Absolute simplicity
Getting into professional digital signage
has never been so easy. Simply plug
the transmitters VGA port into your
computer and plug in the USB port, then
plug the receiver unit into your screen.
Finally, connect the two units together
with a length of CATx cable, and you’re
finished. Now start delivering your
message to customers, clients, staff or
who ever you wish.
Advanced DDC Protocol
Unless an extender actively supports
DDC (Dynamic Data Channel), some
well-known high performance video cards
cannot be used at high resolutions.The
ADDERLink LPV fully supports DDC.
Fit and forget
Adder digital signage products are the
professional choice because they give
you the ability to deliver, fit and forget
installations.The LPV is no exception.
Rigorously tested in Adder’s technology
labs, so you can buy with real confidence.
150m
(500ft)


Similar Part No. - ALPV150R

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
ALPV150P L-COM-ALPV150P Datasheet
867Kb / 2P
ADDERLink Line Powered Video (LPV)
More results

Similar Description - ALPV150R

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL2099C ELANTEC-EL2099C Datasheet
355Kb / 16P
Video Distribution Amplifier
logo
Intersil Corporation
EL8108 INTERSIL-EL8108 Datasheet
597Kb / 12P
Video Distribution Amplifier
June 7, 2004
EL2099 INTERSIL-EL2099 Datasheet
245Kb / 12P
Video Distribution Amplifier
January 1996
5962-0721201QXC INTERSIL-5962-0721201QXC Datasheet
229Kb / 10P
Video Distribution Amplifier
November 1, 2007
EL8108 INTERSIL-EL8108_08 Datasheet
281Kb / 14P
Video Distribution Amplifier
January 29, 2008
logo
Magnetrol International...
009-5762-021 MAGNETROL-009-5762-021 Datasheet
184Kb / 4P
Digital Meters Loop and Line Powered
logo
Analog Devices
AD2022 AD-AD2022_15 Datasheet
2Mb / 6P
LINE POWERED FUNCTIONAL DPM
logo
XFMRS Inc.
XF0013Q48A XFMRS-XF0013Q48A Datasheet
53Kb / 1P
Line Powered T1 xfmr
logo
Renesas Technology Corp
EL8108 RENESAS-EL8108 Datasheet
677Kb / 14P
Video Distribution Amplifier
logo
RF Monolithics, Inc
DM2200-916VM-1 RFM-DM2200-916VM-1 Datasheet
347Kb / 6P
Up to 600 meters Module to Module range
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com