Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ALPV154T Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # ALPV154T
Description  ADDERLink LPV154 Line powered video distribution up to 150 meters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

ALPV154T Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  ALPV154T Datasheet HTML 1Page - Infinite Electronics International, Inc. ALPV154T Datasheet HTML 2Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
A/V Display
Solutions
Experts in
Connectivity
Solutions
Digital Signage
Professional Video Extender
High density, small form factor
line powered video distribution
ADDERLink LPV154
Line powered video distribution up to 150 meters
PRODUCT IN BRIEF
The ADDERLink LPV delivers HD
quality digital signage video via CATx
cable over distances of 150 meters
This digital signage extender is
possibly the easiest to install point-
to-point extender available today. By
transmitting the power to the receiver
via the cable it removes the need for
extra power supplies and sockets at
the screen
A 4-way transmitter is available for
point-to-multipoint transmissions
with a length of CATx cable, and you’re
finished. Now start delivering your
message to customers, clients, staff or
whoever you wish.
Advanced EDID cloning
The ADDERLink LPV enables the user
to clone the EDID (Extended Display
Identification Data) from a display or use
a default EDID.This approach enables the
widest possible compatibility whilst also
providing a plug and play experience for
most applications.
On/off control via RS232
The LPV154T unit is fitted with a serial
port that enables you to remotely switch
video on and off.This feature provides a
simple way of switching remote screens
on and off as most will go into standby
when the video signal is removed.
Rack mountable
The LPV154T units are rack mountable
at high density using the AdderLink rack
mount chassis.
Fit and forget
Adder digital signage products are the
professional choice because they give
you the ability to deliver, fit and forget
installations.The LPV is no exception.
FEATURES
Video performance
Full HD 1080p, 1080i & 720p
Distances up to 150m (500ft)
Line power for simplicity
To help reduce cable clutter, the
ADDERLink LPV150 has been designed
to be powered by a USB port on your
computer. Furthermore, this power is
also transmitted alongside the video over
the CATx cable, in turn powering your
receiver unit.
4-way transmitter for point-to-multipoint
The ALPV154T is able to take the same
HD input and send it to 4 different
screens connected via the ALPV150R
receivers.There is a feed through port on
the unit to allow a local display or you can
cascade another ALAV154T so you can
supply 8 screens.
Video sharpness adjustment
The remote module has a video
adjustment screw to control picture
sharpness on the display screen.
Absolute simplicity
Getting into professional digital signage
has never been so easy. Simply plug
the transmitter’s VGA port into your
computer and plug in the USB port, then
plug the receiver unit into your screen.
Finally, connect the two units together
ALPV150 Pair (single screen)
150m
(500ft)


Similar Part No. - ALPV154T

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
ALPV150P L-COM-ALPV150P Datasheet
867Kb / 2P
ADDERLink Line Powered Video (LPV)
ALPV150R L-COM-ALPV150R Datasheet
534Kb / 2P
ADDERLink LPV150 Line powered video distribution up to 150 meters
More results

Similar Description - ALPV154T

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL2099C ELANTEC-EL2099C Datasheet
355Kb / 16P
Video Distribution Amplifier
logo
Intersil Corporation
EL8108 INTERSIL-EL8108 Datasheet
597Kb / 12P
Video Distribution Amplifier
June 7, 2004
EL2099 INTERSIL-EL2099 Datasheet
245Kb / 12P
Video Distribution Amplifier
January 1996
5962-0721201QXC INTERSIL-5962-0721201QXC Datasheet
229Kb / 10P
Video Distribution Amplifier
November 1, 2007
EL8108 INTERSIL-EL8108_08 Datasheet
281Kb / 14P
Video Distribution Amplifier
January 29, 2008
logo
Magnetrol International...
009-5762-021 MAGNETROL-009-5762-021 Datasheet
184Kb / 4P
Digital Meters Loop and Line Powered
logo
Analog Devices
AD2022 AD-AD2022_15 Datasheet
2Mb / 6P
LINE POWERED FUNCTIONAL DPM
logo
XFMRS Inc.
XF0013Q48A XFMRS-XF0013Q48A Datasheet
53Kb / 1P
Line Powered T1 xfmr
logo
Renesas Technology Corp
EL8108 RENESAS-EL8108 Datasheet
677Kb / 14P
Video Distribution Amplifier
logo
RF Monolithics, Inc
DM2200-916VM-1 RFM-DM2200-916VM-1 Datasheet
347Kb / 6P
Up to 600 meters Module to Module range
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com