Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B32321 Datasheet(PDF) 1 Page - EPCOS

Part # B32321
Description  AC Film Capacitors Motor Run UL Series - Construction Only
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32321 Datasheet(HTML) 1 Page - EPCOS

  B32321 Datasheet HTML 1Page - EPCOS B32321 Datasheet HTML 2Page - EPCOS B32321 Datasheet HTML 3Page - EPCOS B32321 Datasheet HTML 4Page - EPCOS B32321 Datasheet HTML 5Page - EPCOS B32321 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
AC Film Capacitors
B 32 321 / ...23
Motor Run
UL Series – Construction Only
Issue No. 2
07/01
Page 1 of 6
Construction
Dielectric: polypropylene film
Plastic case
Polyurethane resin
Features
Self-healing properties
Low dissipation factor
High insulation resistance
Typical applications
For general sine wave applications,
mainly as motor run capacitor
Terminals
B32321: Single Faston 6,3 x 0,8 mm
B32323: Double faston 6,3 x 0,8 mm
Mounting parts
Metal stud (max. torque = 5 Nm)
Plastic stud (max. torque = 3 Nm)
Technical data and specifications
Standard
IEC / EN 60252 / UL810
Rated capacitance CN
2 .. 60 µF
Tolerance
± 5% , ±10%
Rated voltage UN
250 .. 450 Vac
Rated frequency fN
50.. 60 Hz
Life expectancy
10.000 h (Class B, according to
IEC / EN 60252)
Maximum ratings
Maximum permissible voltage Umax
1,1 x UN (UN: rated voltage)
Maximum permissible current Imax
1,3 x IN (IN : rated current)
UL 810


Similar Part No. - B32321

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32321 EPCOS-B32321 Datasheet
412Kb / 9P
Film capacitors - AC capacitors
logo
TDK Electronics
B32321 TDK-B32321 Datasheet
393Kb / 10P
Film capacitors ??AC capacitors Motor run capacitors
logo
EPCOS
B32321B4106J010 EPCOS-B32321B4106J010 Datasheet
412Kb / 9P
Film capacitors - AC capacitors
logo
TDK Electronics
B32321B4106J010 TDK-B32321B4106J010 Datasheet
89Kb / 1P
Motor Run and Motor Start Capacitors
logo
EPCOS
B32321B4106J030 EPCOS-B32321B4106J030 Datasheet
412Kb / 9P
Film capacitors - AC capacitors
More results

Similar Description - B32321

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32320 EPCOS-B32320 Datasheet
237Kb / 6P
AC Film Capacitors Motor Run
B32324 EPCOS-B32324 Datasheet
287Kb / 6P
AC Film Capacitors Motor Run
B32327 EPCOS-B32327 Datasheet
346Kb / 6P
AC Film Capacitors Motor Run
B32328 EPCOS-B32328 Datasheet
212Kb / 6P
AC Film Capacitors Motor Run
B32329 EPCOS-B32329 Datasheet
200Kb / 6P
AC Film Capacitors Motor Run UL Series - Construction Only
B32330 EPCOS-B32330 Datasheet
327Kb / 5P
AC Film Capacitors Motor run
B32335 EPCOS-B32335 Datasheet
234Kb / 7P
AC Film Capacitors Motor run
logo
Illinois Capacitor, Inc...
104MABA05KG ILLINOISCAPACITOR-104MABA05KG Datasheet
402Kb / 6P
AC/Motor Run Film Capacitors
104MABA01KG ILLINOISCAPACITOR-104MABA01KG_13 Datasheet
482Kb / 4P
AC/Motor Run Film Capacitors
logo
TDK Electronics
B32320 TDK-B32320 Datasheet
215Kb / 8P
AC Film Capacitors, Motor Run Capacitors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com