Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B32321 Datasheet(PDF) 2 Page - EPCOS

Part # B32321
Description  AC Film Capacitors Motor Run UL Series - Construction Only
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32321 Datasheet(HTML) 2 Page - EPCOS

  B32321 Datasheet HTML 1Page - EPCOS B32321 Datasheet HTML 2Page - EPCOS B32321 Datasheet HTML 3Page - EPCOS B32321 Datasheet HTML 4Page - EPCOS B32321 Datasheet HTML 5Page - EPCOS B32321 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
AC Film Capacitors
B 32 321 / ...23
Motor Run
UL Series – Construction Only
Issue No. 2
07/01
Page 2 of 6
Technical data (cont`d)
Test data
AC test voltage terminal to terminal UTT
2 x UN , 60 s
Insulation voltage terminals to case
2000 Vac
Insulation resistance Ris or time τ constant at 20 °C
Rel. Humidity
≤ 65 °C (minimum value)
3000 s
Dissipation factor tan
δ at 20 °C
≤ 1,0 x 10
-3 (120 Hz)
Maximum rate of voltage rise du/dtmax
10 V/
µs
Climatic data
Climatic category
25/085/21
in accordance with IEC 60068-1
Lower category Tmin
-25 °C
Upper category Tmax
+85 °C
Damp heat test ttest
21 days
Permitted capacitance
∆C/C
≤ 3 %
Note :
1) It should be noted that presence of harmonics produces over voltage & over current on capacitors. Resonance may
cause serious damage to installation if a siginificant level of total harmonic distortion level exists for voltage or current.
In such cases, series reactors must be considered.
2) Operating temperature class: In accordance with the reference standards, these temperatures are those measured on
the surface on the capacitor
Approved marks*
UL 810 (1)
(1) Currently available from Icotron
(2) Homolgation in process
EN 60252 (2)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com