Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP7663 Datasheet(PDF) 8 Page - Sipex Corporation

Part # SP7663
Description  Evaluation Board Manual
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP7663 Datasheet(HTML) 8 Page - Sipex Corporation

Back Button SP7663 Datasheet HTML 4Page - Sipex Corporation SP7663 Datasheet HTML 5Page - Sipex Corporation SP7663 Datasheet HTML 6Page - Sipex Corporation SP7663 Datasheet HTML 7Page - Sipex Corporation SP7663 Datasheet HTML 8Page - Sipex Corporation SP7663 Datasheet HTML 9Page - Sipex Corporation SP7663 Datasheet HTML 10Page - Sipex Corporation SP7663 Datasheet HTML 11Page - Sipex Corporation SP7663 Datasheet HTML 12Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Mar12-07 RevD
SP7663 Evaluation Board Manual
©2007 Sipex Corp.
Page 8 of 16
Calculate CZ2 by placing the zero at ½ of the output filter pole frequency
LC
fp
RZ
CZ
_
2
1
2
⋅
⋅
=
π
nF
nF
KHz
K
CZ
1
055
.
1
13
2
.
23
1
2
≈
=
⋅
Ω
⋅
=
π
Calculate CP1 by placing the first pole at ESR zero frequency
)
_
2
(
2
1
1
ESR
fz
Rz
CP
⋅
⋅
=
π
pF
pF
KHz
K
CP
10
84
.
5
)
400
1
.
68
(
2
1
1
≈
=
⋅
⋅
=
π
Calculate RZ3 by setting the second pole at ½ of the switching frequency and the
second zero at the output filter double pole frequency
LC
fp
fs
LC
fp
R
RZ
_
2
)
_
(
)
1
(
2
3
−
⋅
⋅
=
Ω
=
−
⋅
Ω
⋅
=
K
KHz
f
KHz
KHz
K
RZ
084
.
3
13
2
600
)
13
(
)
1
.
68
(
2
3
Calculate CZ3 from RZ3 component value above
fs
RZ
CZ
⋅
⋅
=
3
1
3
π
pF
pF
KHz
K
CZ
180
172
600
084
.
3
1
3
≈
=
⋅
Ω
⋅
=
π
Choose 100pF ≤ CF1 ≤ 220pF to stabilize the SP7663ER internal Error Amplifier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com