Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP7663 Datasheet(PDF) 3 Page - Sipex Corporation

Part # SP7663
Description  Evaluation Board Manual
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP7663 Datasheet(HTML) 3 Page - Sipex Corporation

  SP7663 Datasheet HTML 1Page - Sipex Corporation SP7663 Datasheet HTML 2Page - Sipex Corporation SP7663 Datasheet HTML 3Page - Sipex Corporation SP7663 Datasheet HTML 4Page - Sipex Corporation SP7663 Datasheet HTML 5Page - Sipex Corporation SP7663 Datasheet HTML 6Page - Sipex Corporation SP7663 Datasheet HTML 7Page - Sipex Corporation SP7663 Datasheet HTML 8Page - Sipex Corporation SP7663 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Mar12-07 RevD
SP7663 Evaluation Board Manual
©2007 Sipex Corp.
Page 3 of 16
Adjusting the current downwards is controlled by adjusting R8.


•
•
+
⋅
=
DCR)
(Imax
-
60mV
DCR)
(Imax
60mV)
-
(Vout
R8
4
R
Equation 3
Where:
DCR is the Inductor winding resistance
IMAX
is the desired output current
Further details on the current limit can be found in the SP7663 data sheet.
POWER SUPPLY DATA
The SP7663ER is designed with an accurate 2.0% reference over line, load and
temperature. Figure 1 data shows a typical SP7663 evaluation board efficiency plot, with
efficiencies up to 90% and output currents up to 6A. The output voltage ripple of less
than 50mV at full load and the LX node are shown in figure 2. Figures 3 and 4 illustrate a
3A-to-6A and 0A-to-6A Load Step. Short circuit and current limit are shown in Figures 5
and 6. Typical startup characteristics into a full load and no load are shown in figure 7
and 8. All data was taken at 12VIN.
While data on individual power supply boards may vary, the capability of the
SP7663ER of achieving high accuracy over a range of load conditions shown here is
quite impressive and desirable for accurate power supply design.
SP7663 Efficiency
12Vin - 3.3Vout - 6Amp
70.00
75.00
80.00
85.00
90.00
95.00
0.00
1.00
2.00
3.00
4.00
5.00
6.00
Iout (Amps)
Figure 1. Efficiency vs. Load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com