Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K100A-10-024B024-R Datasheet(PDF) 3 Page - KG Technologies, Inc.

Part # K100A-10-024B024-R
Description  100A Power Latching Relay
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KG [KG Technologies, Inc.]
Direct Link  https://kgtechnologies.net/
Logo KG - KG Technologies, Inc.

K100A-10-024B024-R Datasheet(HTML) 3 Page - KG Technologies, Inc.

  K100A-10-024B024-R Datasheet HTML 1Page - KG Technologies, Inc. K100A-10-024B024-R Datasheet HTML 2Page - KG Technologies, Inc. K100A-10-024B024-R Datasheet HTML 3Page - KG Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
K100
Page 3 of 3
Disclaimer: This data sheet is for reference only. All specifications are subject to change without prior notice. KG Technologies, Inc. cannot predict
every possible application for our relays. While we do our best to make our relays as versatile as possible, we highly recommend contacting our
engineering team if you have any questions. KG Technologies, Inc. is not responsible for malfunctioning relays when operated outside the specified
parameters given in this data sheet.
KG Technologies, Inc. / Phone: +1.888.513.1874 / Fax: +1.888.511.3989 / Email: info@kgtechnologies.net / Web: www.kgtechnologies.net
102012
Wiring Diagrams
1: All relays are shipped in the “Closed” position. It is possible that during transit or final assembly the relay could change its state to the
“Open” position. Therefore, it is recommended that all relays be set to the desired state of the relay via a power supply.
2: In order to maintain an “Open” or “Closed” state of the relay, the coil voltage should reach the rated voltage. The pulse width should
be 50ms minimum to ensure a proper change of state. DO NOT energize both T1 and T3 at the same time on a Dual Coil or energize
the coil for longer than 1 minute (damage to the coil could incur).
3: Relays without flex-wire cannot be tin-soldered. Moving or bending the terminals could cause damage to the internal structure of
the relay.
4: For definitions of terms used in this data sheet, see glossary at www.kgtechnologies.net.
Additional Application Notes
Dual Coil
Single Coil
Dual Coil – Positive Polarity: Place a negative connection on T2. Then apply a 50ms positive pulse to T1 to open the contacts or
to T3 to close the contacts.
Dual Coil – Negative Polarity: Place a positive connection on T2. Then apply a 50ms negative pulse to T3 to open the contacts or
to T1 to close the contacts.
Single Coil: Place a negative connection on T1. Then apply a 50ms positive pulse to T3 to close the contacts. Reversing polarity will open
the contacts.
Application Notes
Dual Coil Connection
Single Coil Connection
T1
T3
T2
Positive Polarity
Negative Polarity
T1
T3
T2
T1
T3
T1 T2 T3
Dual Coil
T1
T3
Single Coil



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com