Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

K100A-10-024B024-R Datasheet(PDF) 2 Page - KG Technologies, Inc.

Part # K100A-10-024B024-R
Description  100A Power Latching Relay
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KG [KG Technologies, Inc.]
Direct Link  https://kgtechnologies.net/
Logo KG - KG Technologies, Inc.

K100A-10-024B024-R Datasheet(HTML) 2 Page - KG Technologies, Inc.

  K100A-10-024B024-R Datasheet HTML 1Page - KG Technologies, Inc. K100A-10-024B024-R Datasheet HTML 2Page - KG Technologies, Inc. K100A-10-024B024-R Datasheet HTML 3Page - KG Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Ordering Information
KG Technologies, Inc. / Phone: +1.888.513.1874 / Fax: +1.888.511.3989 / Email: info@kgtechnologies.net / Web: www.kgtechnologies.net
102012
K100
A
–D
012
Q
P
–
1A
T
Relay Series:
Terminal Type:
A: See drawings1
X: Custom design2
Coil Type:
S: Single coil
D: Double coil
Coil Voltage3:
6, 12, 24, 48 Vdc
Coil Terminal Type:
Q: Quick connect
R: PCB terminals
Coil Polarity:
P = Positive
N = Negative
Contact Form:
1A: Form 1A – NO
1B: Form 1B – NC
Contact Material:
T: AgSnO
2
A-Style Terminals
Dimensional Drawings
K100
Page 2 of 3
All dimensions in mm unless otherwise noted. For more information, please contact KG Technologies.
60.0
34.0
21.0
K100A
1
Other standard terminal type drawings available upon request.
2
For custom designs, please contact KG Technologies. Integrated shunts, flex-wire, copper extensions and
brass terminals available.
3
Coil voltage should be indicated in three digit format (6Vdc = 006)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com