Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSR1008G Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SSR1008G
Description  10AMPS 60 - 100 VOLTS SCHOTTKY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SSR1008G Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SSR1008G Datasheet HTML 1Page - Solid States Devices, Inc SSR1008G Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
FEATURES:
• Extremely Low Forward Voltage Drop
• Low Reverse Leakage
• Hermetically Sealed Custom Surface Mount
Package
• Guard Ring for Overvoltage Protection
• Eutectic Die Attach
• 175 °C Operating Junction Temperature
• TX, TXV, and Space Level Screening Available
SSR1008G
SSR1009G
SSR1010G
10AMPS
60 - 100 VOLTS
SCHOTTKY
RECTIFIER
CERPACK (G)
MAXIMUM RATINGS
Symbol
Value
Units
Peak Repetitive Reverse and
DC Blocking Voltage
SSR1008G
SSR1009G
SSR1010G
VRRM
VRWM
VR
80
90
100
Volts
Average Rectified Forward Current
1/
(Resistive Load, 60 Hz, Sine Wave, TA = 25
°C)
IO
10
Amps
Peak Surge Current
1/
(8.3 ms Pulse, Half Since Wave Superimposed on IO, Allow Junction to
Reach Equilibrium Between Pulses, TA = 25
°C)
IFSM
200
Amps
Operating & Storage Temperature
TOP & Tstg
-65 to +175
°C
Maximum Thermal Resistance
1/
(Junction to Case)
RθJC
1.2
°C/W
Notes:
1/ For optimal performance, leads 1 & 2 should be connected together.
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RS0203E
DOC


Similar Part No. - SSR1008G

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SSR1008 SSDI-SSR1008 Datasheet
126Kb / 2P
10 AMP 100 VOLTS SCHOTTKY RECTIFIER
SSR1008 SSDI-SSR1008 Datasheet
135Kb / 2P
80 - 100 VOLTS SCHOTTKY RECTIFIER
SSR1008-28 SSDI-SSR1008-28 Datasheet
158Kb / 2P
10 AMPS 80-100 VOLTS SCHOTTKY RECTIFIER
SSR1008-5 SSDI-SSR1008-5 Datasheet
135Kb / 2P
10 AMP 80 ??100 VOLTS SCHOTTKY RECTIFIER
SSR1008-59 SSDI-SSR1008-59 Datasheet
209Kb / 2P
10 AMP 80-100 VOLTS SCHOTTKY RECTIFIER
More results

Similar Description - SSR1008G

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
DLSR106 MCC-DLSR106 Datasheet
78Kb / 3P
1 Amp Schottky Barrier Rectifier 60 to 100 Volts
FST8060 MCC-FST8060 Datasheet
85Kb / 3P
80 Amp Rectifier 60 to 100 Volts Schottky Barrier
FST8360SL MCC-FST8360SL Datasheet
664Kb / 3P
80 Amp Rectifier 60 to 100 Volts Schottky Barrier
FST8460SL MCC-FST8460SL Datasheet
667Kb / 3P
80 Amp Rectifier 60 to 100 Volts Schottky Barrier
logo
Solid States Devices, I...
SED15HB60 SSDI-SED15HB60 Datasheet
219Kb / 2P
15 AMP 60 VOLTS SCHOTTKY RECTIFIER
SED60KB100 SSDI-SED60KB100 Datasheet
107Kb / 2P
60 AMP 100 VOLTS SCHOTTKY RECTIFIER
SSR6010M SSDI-SSR6010M Datasheet
212Kb / 2P
60 AMP 100 VOLTS SCHOTTKY RECTIFIER
SSR1008M SSDI-SSR1008M_1 Datasheet
135Kb / 2P
80 - 100 VOLTS SCHOTTKY RECTIFIER
logo
Micro Commercial Compon...
DLSR106 MCC-DLSR106_11 Datasheet
451Kb / 4P
1 Amp Schottky Barrier Rectifier 60 to 100 Volts
SS16HL MCC-SS16HL Datasheet
1Mb / 3P
1 Amp Schottky Rectifier 60 Volts
Rev.3-1-03012022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com