Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSR1008Z Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SSR1008Z
Description  10 AMPS 80 - 100 VOLTS SCHOTTKY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SSR1008Z Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SSR1008Z Datasheet HTML 1Page - Solid States Devices, Inc SSR1008Z Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Optional Bent Down Leads
(MD & ZD Suffix)
Case Outlines- TO-254 and TO-254Z
PIN OUT: Rectifier Configuration 4/
PIN 1- CATHODE
PIN 2- ANODE
PIN 3- ANODE
TO-254 (M Suffix)
TO-254Z (Z Suffix)
Optional with Bent Up Leads
(MU & ZU Suffix)
For information on curves, contact the Factory Representative for Engineering Assistance.
NOTES: 4/ Pins 2 and 3 must be externally connected for best performance.
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SSR1008M, SSR1008Z
SSR1009M, SSR1009Z
SSR1010M, SSR1010Z
ELECTRICAL CHARACTERISTICS (Per Leg)
CHARACTERISTICS
SYMBOL
MAXIMUM
UNIT
Instantaneous Forward Voltage Drop
(IF = 1 Adc, TA = 25
°C, Pulse)
(IF = 5 Adc, TA = 25
°C, Pulse)
(IF = 10 Adc, TA = 25
°C, Pulse)
VF1
VF2
VF3
0.57
0.72
0.8
Vdc
Instantaneous Forward Voltage Drop TA = 100
°C
(IF = 10 Adc, Pulse)
TA = -55
°C
VF4
VF5
0.70
0.90
Vdc
Reverse Leakage Current
(Rated VR, TA = 25
°C, Pulse)
IR1
100
µA
Reverse Leakage Current
(Rated VR, TA = 100
°C, Pulse)
IR2
5
mA
Junction Capacitance
(VR = 10 Vdc, TA = 25
°C, f = 1 MHz)
CJ
400
pF
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RS0205K
DOC



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com