Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSR1008Z Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SSR1008Z
Description  10 AMPS 80 - 100 VOLTS SCHOTTKY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SSR1008Z Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SSR1008Z Datasheet HTML 1Page - Solid States Devices, Inc SSR1008Z Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
Part Number/Ordering Information 1/
SSR1008
SSR1009
SSR1010
__
__
__
__
__
__
__
__
__
└
Screening 2/
__ = Not Screened
TX = TX Level
TXV = TXV
S = S Level
│
│
│
│
│
└ Lead Options __ = Straight Leads,
D = Bent Down, U = Bent Up
│
│
│
│
│
│
│
└ Package M = TO-254, Z = TO-254Z
TO-254
TO-254Z
SSR1008M, SSR1008Z
SSR1009M, SSR1009Z
SSR1010M, SSR1010Z
10 AMPS
80 - 100 VOLTS
SCHOTTKY RECTIFIER
FEATURES:
• Extremely Low Forward Voltage Drop
• Low Reverse Leakage Current
• Hermetically Sealed Package
• Guard Ring for Overvoltage Protection
• Eutectic Die Attach
• 175°C Operating Junction Temperature
• TX, TXV, or Space Level Screening Available
MAXIMUM RATINGS
RATING
SYMBOL
VALUE
UNIT
Peak Repetitive Reverse Voltage and DC
Blocking Voltage
SSR1008M, SSR1008Z
SSR1009M, SSR1009Z
SSR1010M, SSR1010Z
VRRM
VRWM
VR
80
90
100
Volts
Average Rectified Output Current
3/
(Resistive Load, 60Hz, Sine Wave, TA=25
°C)
IO
10
Amps
Peak Surge Current
3/
(8.3 ms Pulse, Half Sine Wave, superimposed on
IO, allow junction to reach equilibrium between
pulses, TA=25
°C)
IFSM
200
Amps
Operating and Storage Temperature
TOP & TSTG
-65 to +175
°C
Maximum Thermal Resistance
3/
Junction to Case
RθJC
1.7
°C/W
NOTES: 1/ For ordering information, price, and availability- Contact Factory.
2/ Screened to MIL-PRF-19500.
3/ For optimal performance, connect leads 2 & 3 together.
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RS0205K
DOC


Similar Part No. - SSR1008Z

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SSR1008 SSDI-SSR1008 Datasheet
126Kb / 2P
10 AMP 100 VOLTS SCHOTTKY RECTIFIER
SSR1008 SSDI-SSR1008 Datasheet
135Kb / 2P
80 - 100 VOLTS SCHOTTKY RECTIFIER
SSR1008-28 SSDI-SSR1008-28 Datasheet
158Kb / 2P
10 AMPS 80-100 VOLTS SCHOTTKY RECTIFIER
SSR1008-5 SSDI-SSR1008-5 Datasheet
135Kb / 2P
10 AMP 80 ??100 VOLTS SCHOTTKY RECTIFIER
SSR1008-59 SSDI-SSR1008-59 Datasheet
209Kb / 2P
10 AMP 80-100 VOLTS SCHOTTKY RECTIFIER
More results

Similar Description - SSR1008Z

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SSR0508-28 SSDI-SSR0508-28 Datasheet
147Kb / 2P
5 AMPS 80-100 VOLTS SCHOTTKY RECTIFIER
SSR1008-28 SSDI-SSR1008-28 Datasheet
158Kb / 2P
10 AMPS 80-100 VOLTS SCHOTTKY RECTIFIER
SSR1008J SSDI-SSR1008J Datasheet
172Kb / 2P
10 AMP 80 - 100 VOLTS SCHOTTKY RECTIFIER
SPD0801SMS SSDI-SPD0801SMS Datasheet
187Kb / 2P
1 AMPS 80-100 VOLTS SCHOTTKY RECTIFER
SSR1045 SSDI-SSR1045 Datasheet
197Kb / 2P
10 AMPS 45 VOLTS SCHOTTKY RECTIFIER
SSR1045C SSDI-SSR1045C Datasheet
197Kb / 2P
10 AMPS 45 VOLTS SCHOTTKY RECTIFIER
SSR1008-59 SSDI-SSR1008-59 Datasheet
209Kb / 2P
10 AMP 80-100 VOLTS SCHOTTKY RECTIFIER
SSR1008-5 SSDI-SSR1008-5 Datasheet
135Kb / 2P
10 AMP 80 ??100 VOLTS SCHOTTKY RECTIFIER
logo
Shenzhen Ping Sheng Ele...
MBR1080CT PFS-MBR1080CT Datasheet
639Kb / 2P
10 Amp Schottky Barrier Rectifier 80-100 Volts
logo
Solid States Devices, I...
SSR1008M SSDI-SSR1008M_1 Datasheet
135Kb / 2P
80 - 100 VOLTS SCHOTTKY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com