Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSR007 Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SSR007
Description  2 AMP 25 VOLTS SCHOTTKY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SSR007 Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SSR007 Datasheet HTML 1Page - Solid States Devices, Inc SSR007 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PRELIMINARY
SOLID STATE DEVICES, INC.
14005 Stage Road * Santa Fe Springs, Ca 90670
Phone: (562) 404-4474 * Fax: (562) 404-1773
SSR007
mA
Reverse Leakage Current
(Rated VR , TA = 75
oC, 300
:s min Pulse)
2.00
IR2
pF
100
CJ
Junction Capacitance
(VR = 10 VDC, TA = 25
oC, f = 1 MHz)
Reverse Leakage Current
(Rated VR , TA = 25
oC, 300
:s min Pulse)
IR1
mA
CASE OUTLINE:
Electrical Characteristics
SYMBOL
UNITS
VALUE
VF1
VF2
0.49
0.59
Instantaneous Forward Voltage Drop
(TA = 25
oC, 300 - 500
:s Pulse)
VDC
0.20
IF = 1 ADC
IF = 2 ADC
VF3
VF4
0.46
0.56
Instantaneous Forward Voltage Drop
(TA = 75
oC, 300 - 500
:s Pulse)
VDC
IF = 1 ADC
IF = 2 ADC
DIMENSIONS
DIM
MIN.
MAX.
A
.189"
.205"
B
.094"
.105"
C
.016"
.022"
D
.001"
-
NOTE:
Dimensions are prior to solder dipping
0.01
0.1
1
10
0.20
0.30
0.40
0.50
0.60
0.70
0.80
0.90
FORWARD VOLTAGE
TYPICAL OPERATING CURVES
(TA = 25
oC unless otherwise specified)
0
20
40
60
80
100
0
25
50
75
100
125
78oC
END TAB TEMPERATURE (oC)
FORWARD VOLTAGE, [ V ]



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com