Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSR007 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SSR007
Description  2 AMP 25 VOLTS SCHOTTKY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SSR007 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SSR007 Datasheet HTML 1Page - Solid States Devices, Inc SSR007 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PRELIMINARY
Designer's Data Sheet
SOLID STATE DEVICES, INC.
14005 Stage Road * Santa Fe Springs, Ca 90670
Phone: (562) 404-4474 * Fax: (562) 404-1773
FEATURES:
2 AMP
25 VOLTS
SCHOTTKY
RECTIFIER
SURFACE MOUNT
ROUND TAB
SSR007
Maximum Ratings
25
oC
-55 TO +125
TSTG
60
Amps
2
Amps
Io
IFSM
Volts
SYMBOL
UNITS
VALUE
VRRM
VRWM
VR
R2JE
20
Peak Repetitive Reverse and DC Blocking Voltage
Peak Surge Current
(8.3 ms Pulse, Half Sine Wave Superimposed on Io, allow
junction to reach equilibrium between pulses, TC = 55
oC)
Storage Temperature
Maximum Thermal Resistance
Junction to End Tab
Average Rectified Forward Current
(Resistive Load, 60Hz, Sine Wave, TC = 25
oC
oC/W
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RS0279C
• Extremely Low Forward Voltage Drop
• PIV of 25 Volts
• For High Efficiency Applications
• Hermetically Sealed Surface Mount Package
• High Surge Capability
• Axial Lead Versions Available
• TX, TXV and Space Level Screening Available
oC
-55 TO +100
TOP
Operating Temperature


Similar Part No. - SSR007

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
SSR01 P-DUKE-SSR01 Datasheet
417Kb / 3P
NON- ISOLATION DC-DC CONVERTER
SSR01-05S2P5 P-DUKE-SSR01-05S2P5 Datasheet
368Kb / 3P
NON- ISOLATION DC-DC CONVERTER
SSR01-12S05 P-DUKE-SSR01-12S05 Datasheet
368Kb / 3P
NON- ISOLATION DC-DC CONVERTER
SSR01-12S09 P-DUKE-SSR01-12S09 Datasheet
368Kb / 3P
NON- ISOLATION DC-DC CONVERTER
SSR01-12S3P3 P-DUKE-SSR01-12S3P3 Datasheet
368Kb / 3P
NON- ISOLATION DC-DC CONVERTER
More results

Similar Description - SSR007

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SD41 MCC-SD41 Datasheet
107Kb / 3P
25 Amp Schottky Barrier Rectifier 45 Volts
SK225L MCC-SK225L Datasheet
363Kb / 2P
2 Amp Schottky Rectifier 25 Volts
logo
Solid States Devices, I...
SEP0125 SSDI-SEP0125 Datasheet
44Kb / 2P
1 AMP 25 VOLTS SUPER SCHOTTKY RECTIFIER
SED20HB25 SSDI-SED20HB25 Datasheet
41Kb / 2P
20 AMP 25 VOLTS SUPER SCHOTTKY RECTIFIER
logo
Micro Commercial Compon...
RB495D MCC-RB495D Datasheet
857Kb / 4P
0.4 Amp Schottky Barrier Rectifier 25 Volts
RB495DS MCC-RB495DS Datasheet
171Kb / 2P
0.4 Amp Schottky Barrier Rectifier 25 Volts
SK225L MCC-SK225L_11 Datasheet
244Kb / 3P
2 Amp Schottky Rectifier 25 Volts
RB495DS MCC-RB495DS_17 Datasheet
391Kb / 3P
0.4 Amp Schottky Barrier Rectifier 25 Volts
SK225L MCC-SK225L_16 Datasheet
418Kb / 3P
2 Amp Schottky Rectifier 25 Volts
SS210H-LTP MCC-SS210H-LTP Datasheet
331Kb / 2P
2 Amp Schottky Rectifier 100 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com