Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDR647CTZ Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SDR647CTZ
Description  40AMPS 600 - 700 VOLTS 60 nsec ULTRA FAST CENTERTAP RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SDR647CTZ Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SDR647CTZ Datasheet HTML 1Page - Solid States Devices, Inc SDR647CTZ Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SOLID STATE DEVICES, INC.
Electrical Characteristics (Per Leg)
SYMBOL
UNITS
VF3
VF4
MAXIMUM
SDR646CTM & Z
thru
SDR647CTM & Z
IR1
IR2
µµµµµA
mA
50
5.0
Reverse Leakage Current
( 80% of Rated VR, 300µs pulse min.)
Instantaneous Forward Voltage Drop
(TA= 25oC, 300µsec Pulse )
1.28
1.50
VDC
VF1
VF2
Instantaneous Forward Voltage Drop
(IF = 10A, 300µsec pulse )
1.17
1.35
VDC
CJ
pF
70
Junction Capacitance
(VR = 10VDC, TA = 25oC, f = 1MHz)
Reverse Recovery Time
(IF= 500mA, IR = 1.0A, IRR = 250 mA, TA= 25oC)
tRR
60
nsec
MINIMUM
--
--
--
--
--
--
--
IF = 10A
IF = 20A
TA = 25oC
TC = 100oC
TA= 100oC
TA= -55oC
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
CASE OUTLINE: TO-254Z (Sufix Z)
PIN ASSIGNMENT
PIN 2
PIN 3
Anode
PIN 1
FUNCTION
CODE
Cathode
Anode
Anode
Cathode
Common Cathode
Common Anode
CT
CA
CASE OUTLINE: TO-254 (Sufix M)
SUFFIX: MD
SUFFIX: M U
SUFFIX: M
PIN 1
PIN 3
PIN 2
2x .190
.150
.155
.140
.305
.295
.500 M IN
.675±.010
.800
.790
.545
.535
.260
.240
.050
.040
Ø.149
.139
.545
.535
.155
.145
3x Ø.045
.035
.260
.240
.055
.035
.155
.135
.555
.500
2x Ø.150
.140
.285
.265
2x .275
.255
.545
.535
.820
.790
1.090
1.050
.170
MIN
.170
MIN
2x .190
.150
2x .190
.150
SUFFIX: ZD
SUFFIX: ZU
SUFFIX: Z
2x .140
.125
.545
.535
2x .275
.255
3x .045
.035
2x .155
.145
.305
.295
PIN 1
PIN 2
PIN 3
Cathode



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com