Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDR647CTZ Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SDR647CTZ
Description  40AMPS 600 - 700 VOLTS 60 nsec ULTRA FAST CENTERTAP RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SDR647CTZ Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SDR647CTZ Datasheet HTML 1Page - Solid States Devices, Inc SDR647CTZ Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Designer's Data Sheet
SOLID STATE DEVICES, INC.
FEATURES:
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
RU0089E
DATA SHEET #:
40AMPS
600 - 700 VOLTS
60 nsec
ULTRA FAST
CENTERTAP RECTIFIER
Maximum Ratings
SYMBOL
UNITS
VALUE
Peak Repetitive Reverse and DC Blocking Voltage
SDR646CTM & Z
SDR647CTM & Z
40
Amps
Io
Average Rectified Forward Current.
(Resistive load, 60Hz, Sine Wave, TA =25oC) 1/
400
Amps
IFSM
Peak Surge Current
(8.3 ms Pulse, Half Sine Wave, TA = 25oC) 1/
Maximum Thermal Resistance
Junction to Case, 1/
Junction to Case, 2/
2.0
3.5
o
C/W
RθθθθθJC
o
C
-65 TO +200
TOP & Tstg
Operating and Storage Temperature
SDR646CTM & Z
thru
SDR647CTM & Z
• Ultra Fast Recovery: 60 nsec Maximum
• High Surge Rating
• Low Reverse Leakage Current
• Low Junction Capacitance
• Hermetically Sealed Package
• Gold Eutectic Die Attach Available
• Ultrasonic Aluminum Wire Bonds
• Also Available in following configurations:
Common Anode: SDR646CAM & CAZ
SDR647CAM & CAZ
• TX, TXV and Space Level Screening Available
TO-254Z (Z)
TO-254 (M)
NOTE:
1/
Both Legs Tied Together
2/
Per Leg.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
VRRM
VRWM
VR
600
700
Volts


Similar Part No. - SDR647CTZ

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDR647CT SSDI-SDR647CT Datasheet
215Kb / 2P
40 AMP 700 -800 VOLTS 60 nsec ULTRA FAST CENTERTAP RECTIFIER
SDR647CT-28 SSDI-SDR647CT-28 Datasheet
222Kb / 2P
2AMPS 700-800VOLTS 60nsec ULTRA FAST CENTERTAP RECTIFIER
SDR647CTS1 SSDI-SDR647CTS1 Datasheet
80Kb / 2P
50 AMP 300-700 Volts 35 nsec Centertap Rectifier
SDR647CTS1 SSDI-SDR647CTS1 Datasheet
81Kb / 2P
Ultra Fast Centertap Rectifier
SDR647CTS1S SSDI-SDR647CTS1S Datasheet
80Kb / 2P
50 AMP 300-700 Volts 35 nsec Centertap Rectifier
More results

Similar Description - SDR647CTZ

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDR656CTM SSDI-SDR656CTM Datasheet
39Kb / 2P
40AMPS 600 VOLTS 30 nsec HYPER FAST CENTERTAP RECTIFIER
SDR1210CTJ SSDI-SDR1210CTJ Datasheet
60Kb / 2P
12AMPS 1000 - 1200 VOLTS 70 nsec ULTRA FAST CENTERTAP RECTIFIER
SDR966CTN SSDI-SDR966CTN Datasheet
60Kb / 2P
60 AMP 600 - 900 Volts 80 nsec Ultra Fast Recovery Centertap Rectifier
SDR966N SSDI-SDR966N Datasheet
228Kb / 2P
60 AMP 600-900 VOLTS 80 nsec ULTRA FAST RECTIFIER
SDR627-59 SSDI-SDR627-59 Datasheet
317Kb / 2P
20 AMP 700-800 VOLTS 60 nsec ULTRA FAST RECTIFIER
SDR627CT-28 SSDI-SDR627CT-28 Datasheet
222Kb / 2P
20 AMP 700 -800 VOLTS 60 nsec ULTRA FAST CENTERTAP RECTIFIER
SDR627G SSDI-SDR627G Datasheet
312Kb / 2P
20 AMP 700-800 VOLTS 60 nsec ULTRA FAST RECTIFIER
SDR647CT SSDI-SDR647CT Datasheet
215Kb / 2P
40 AMP 700 -800 VOLTS 60 nsec ULTRA FAST CENTERTAP RECTIFIER
SDR936CTM SSDI-SDR936CTM Datasheet
232Kb / 2P
30 AMP 600-900 VOLTS 80 nsec ULTRA FAST CENTERTAP RECTIFIER
SDR643CTS1 SSDI-SDR643CTS1 Datasheet
80Kb / 2P
50 AMP 300-700 Volts 35 nsec Centertap Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com