Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDR968CTP Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SDR968CTP
Description  60 AMP 600 - 900 Volts 80 nsec Ultra Fast Recovery Centertap Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SDR968CTP Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SDR968CTP Datasheet HTML 1Page - Solid States Devices, Inc SDR968CTP Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Solid State Devices, Inc.
14830 Valley View Blvd * La Mirada, CA 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SDR966CTN & SDR966CTP
thru
SDR969CTN & SDR969CTP
Electrical Characteristics (Per Leg)
Symbol
Min
Max
Units
Instantaneous Forward Voltage Drop
(TA = 25ºC, 300
µs Pulse)
IF = 15A
IF = 30A
VF1
VF2
––
––
1.20
1.35
Volts
Instantaneous Forward Voltage Drop
(IF = 15A, 300
µs Pulse)
TA = 100ºC
TA = -55ºC
VF3
VF4
––
––
1.10
1.30
Volts
Reverse Leakage Current
(Rated VR, TA = 25ºC, 300
µs Pulse minimum)
IR1
––
100
µA
Reverse Leakage Current
(Rated VR, TA = 100ºC, 300
µs Pulse minimum)
IR2
––
10
mA
Junction Capacitance
(VR = 10 Vdc, TA = 25ºC, f = 1MHz)
CJ
––
100
pF
Reverse Recovery Time
(IF = 500 mA, IR = 1A, IRR = 0.25A)
TA = 25ºC
trr
––
––
80
nsec
Case Outline:
TO-258 (N)
Pin 1: Anode 1
Pin 2: Cathode
Pin 3: Anode 2
.270
.240
.045
.035
.145
.135
2x Ø.165
.155
3x Ø
.045
.035
2x .205
.195
.405
.395
PIN 1
PIN 2
PIN 3
SUFFIX: NUB
SUFFIX: NDB
SUFFIX: N
.695
.685
2x .200
.170
.190 MIN
.190 MIN
2x .200
.170
.835
.815
.750
.500
.707
.697
.545
.535
Case Outline:
TO-259 (P)
Pin 1: Anode 1
Pin 2: Cathode
Pin 3: Anode 2
.270
.240
.045
.035
.145
.135
.750
.500
2x Ø
.150
.120
.290
.280
2x
.265
.245
.135
.120
TYP
.550
.530
2x
.255
.245
1.300
1.030
2x
.200
.170
.190 MIN
.190 MIN
2x
.200
.170
SUFFIX: PUB
SUFFIX: PDB
SUFFIX: P
3x Ø
.045
.035
2x
.205
.195
.405
.395
PIN 1
PIN 2
PIN 3
1.215
1.175
.945
.935
.700
.680
TYPICAL OPERATING CURVES
TA = 25
oC Unless Otherwise Specified



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com