Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDR968CTP Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SDR968CTP
Description  60 AMP 600 - 900 Volts 80 nsec Ultra Fast Recovery Centertap Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SDR968CTP Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SDR968CTP Datasheet HTML 1Page - Solid States Devices, Inc SDR968CTP Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Solid State Devices, Inc.
14830 Valley View Blvd * La Mirada, CA 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
DESIGNER’S DATA SHEET
Features:
• Soft Recovery Diode
• Ultra Fast Recovery: 80 nsec Maximum
• Faster Recovery Versions Available
• High Surge Rating
• Low Reverse Leakage Current
• Low Junction Capacitance
• Hermetically Sealed Package
• Gold Eutectic Die Attach Available
• Ultrasonic Aluminum Wire Bond
• Ceramic Seals for Improved Hermeticity Available
• Common Anode and Doubler Versions Available
• TX, TXV, Space Level Screening Available.
Consult Factory.
SDR966CTN & SDR966CTP
thru
SDR969CTN & SDR969CTP
60 AMP
600 - 900 Volts
80 nsec
Ultra Fast Recovery
Centertap Rectifier
TO-258 (N)
TO-259 (P)
Maximum Ratings
Symbol
Value
Units
Peak Repetitive Reverse and
DC Blocking Voltage
SDR966CTN & SDR966CTP
SDR967CTN & SDR967CTP
SDR968CTN & SDR968CTP
SDR969CTN & SDR969CTP
VRRM
VRWM
VR
600
700
800
900
Volts
Average Rectified Forward Current
(Resistive Load, 60 Hz Sine Wave, TA = 25ºC)
1/
Io
60
Amps
Peak Surge Current (Per Leg)
(8.3 ms Pulse, Half Sine Wave Superimposed on Io, Allow Junction to
Reach Equilibrium Between Pulses, TA = 25ºC)
IFSM
500*
Amps
Operating & Storage Temperature
Top & Tstg
-65 to +200
ºC
Maximum Thermal Resistance
Junction to Case, Each Individual Diode
Junction to Case
1/
RθJE
1.3
0.7
ºC/W
Notes:
1/ Both Legs Tied Together
* Available with Higher Surge Rating
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RU0077B
DOC


Similar Part No. - SDR968CTP

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDR968N SSDI-SDR968N Datasheet
228Kb / 2P
60 AMP 600-900 VOLTS 80 nsec ULTRA FAST RECTIFIER
SDR968P SSDI-SDR968P Datasheet
228Kb / 2P
60 AMP 600-900 VOLTS 80 nsec ULTRA FAST RECTIFIER
More results

Similar Description - SDR968CTP

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDR936M SSDI-SDR936M Datasheet
42Kb / 2P
30 AMPS 600 - 900 VOLTS 80 nsec ULTRA FAST RECTIFIER
SDR646CTM SSDI-SDR646CTM Datasheet
120Kb / 2P
40AMPS 600 - 700 VOLTS 60 nsec ULTRA FAST CENTERTAP RECTIFIER
SDR936 SSDI-SDR936 Datasheet
218Kb / 2P
30 AMP 600-900 VOLTS 80 nsec ULTRA FAST RECTIFIER
SDR936-61 SSDI-SDR936-61 Datasheet
217Kb / 2P
30 AMP 600-900 VOLTS 80 nsec ULTRA FAST RECTIFIER
SDR966N SSDI-SDR966N Datasheet
228Kb / 2P
60 AMP 600-900 VOLTS 80 nsec ULTRA FAST RECTIFIER
SDR627CT-28 SSDI-SDR627CT-28 Datasheet
222Kb / 2P
20 AMP 700 -800 VOLTS 60 nsec ULTRA FAST CENTERTAP RECTIFIER
SDR647CT SSDI-SDR647CT Datasheet
215Kb / 2P
40 AMP 700 -800 VOLTS 60 nsec ULTRA FAST CENTERTAP RECTIFIER
SDR936CTM SSDI-SDR936CTM Datasheet
232Kb / 2P
30 AMP 600-900 VOLTS 80 nsec ULTRA FAST CENTERTAP RECTIFIER
SDR936-3 SSDI-SDR936-3 Datasheet
209Kb / 2P
30 AMP 600-900 VOLTS 80 nsec ULTRA FAST RECTIFIER
SDR936DM SSDI-SDR936DM Datasheet
220Kb / 2P
30 AMP 600-900 VOLTS 80 nsec ULTRA FAST RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com