Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B37872 Datasheet(PDF) 2 Page - EPCOS

Part # B37872
Description  Multilayer ceramic capacitor HighCV, X7R, 16 V and 25 V
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B37872 Datasheet(HTML) 2 Page - EPCOS

  B37872 Datasheet HTML 1Page - EPCOS B37872 Datasheet HTML 2Page - EPCOS B37872 Datasheet HTML 3Page - EPCOS B37872 Datasheet HTML 4Page - EPCOS B37872 Datasheet HTML 5Page - EPCOS B37872 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Multilayer ceramic capacitor
B37***K
HighCV, X7R, 16 V and 25 V
Chip
Ordering code
B37872
K 0 105 K 0 62
Type and size:
931 = X7R / 0603
941 = X7R / 0805
872 = X7R / 1206
Metallization type:
K = Ag/Ni/Sn
Packaging code:
60 = cardboard tape, 180-mm reel
70 = cardboard tape, 330-mm reel
62 = blister tape, 180-mm reel
72 = blister tape, 330-mm reel
Internal code
Capacitance tolerance:
K = ±10%
Rated capacitance (example):
105 = 10 · 105 pF (1 µF)
Rated voltage:
9 = 16 V
0 = 25 V
KB VS PE
15.07.2005
Please read the important notes on page 6
Page 2 of 6
and the cautions and warnings.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com