Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B37872 Datasheet(PDF) 3 Page - EPCOS

Part # B37872
Description  Multilayer ceramic capacitor HighCV, X7R, 16 V and 25 V
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B37872 Datasheet(HTML) 3 Page - EPCOS

  B37872 Datasheet HTML 1Page - EPCOS B37872 Datasheet HTML 2Page - EPCOS B37872 Datasheet HTML 3Page - EPCOS B37872 Datasheet HTML 4Page - EPCOS B37872 Datasheet HTML 5Page - EPCOS B37872 Datasheet HTML 6Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Multilayer ceramic capacitor
B37***K
HighCV, X7R, 16 V and 25 V
Chip
Dimensional drawing
Size
[inch / mm]
l
[mm]
b
[mm]
s
[mm]
k
[mm]
0603 / 1608 1.6 ±0.15
0.80 ±0.1
0.8 ±0,1
0.10 – 0.4
0805 / 2012 2.0 ±0.20
1.25 ±0.15 1.35 max. 0.13 – 0.75
1206 / 3216 3.2 ±0.20
1.60 ±0.15 1.2 ±0.1
0.25 – 0.75
see also “Ordering codes and chip thickness”, dimensions in accordance to
CECC 32101-801
Electrical data
Temperature characteristic:
X7R
Climatic category (IEC 60068-1):
55/125/56
Standard:
EIA
Dielectric:
Class 2
Rated voltage:
16 V / 25 V
Capacitance1) test conditions
Test frequency:
(1.0 ±0.2) kHz
Test voltage:
(1.0 ±0.2) VRMS
Max. relative capacitance change:
±15%
Dissipation factor tan
δ (limit value):
< 25 · 10-3
Time constant
τ at +25 °C:
> 500 s
Operating temperature range:
–55 °C ... +125 °C
Capacitance values:
220 nF … 2.2 µF
1) Subject to aging, please see “General Technical Information” at
www.epcos.com/ceramic_capacitors
or the data book “Multilayer Ceramic Capacitors”.
KB VS PE
15.07.2005
Please read the important notes on page 6
Page 3 of 6
and the cautions and warnings.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com