Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PQ150VB01FZ Datasheet(PDF) 4 Page - Sharp Corporation

Part # PQ150VB01FZ
Description  Variable Output Low Power-Loss Voltage Regulator (Built-in Overheart Shutdown function, Output ON/OFF control function)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PQ150VB01FZ Datasheet(HTML) 4 Page - Sharp Corporation

  PQ150VB01FZ Datasheet HTML 1Page - Sharp Corporation PQ150VB01FZ Datasheet HTML 2Page - Sharp Corporation PQ150VB01FZ Datasheet HTML 3Page - Sharp Corporation PQ150VB01FZ Datasheet HTML 4Page - Sharp Corporation PQ150VB01FZ Datasheet HTML 5Page - Sharp Corporation PQ150VB01FZ Datasheet HTML 6Page - Sharp Corporation PQ150VB01FZ Datasheet HTML 7Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Low Power-Loss Voltage Regulators
PQ150VB01FZ/PQ150VB02FZ
Fig.8
Output Voltage vs. Input Voltage
(PQ150VB01FZ)
Fig.9
Output Voltage vs. Input Voltage
(PQ150VB02FZ)
Fig.10 Circuit Operating Current vs. Input
Voltage (PQ150VB01FZ)
Fig.11 Circuit Operating Current vs. Input
Voltage (PQ150VB02FZ)
Fig.12 Dropout Voltage vs. Junction
Temperature (PQ150VB01FZ)
Fig.13 Dropout Voltage vs. Junction
Temperature (PQ150VB02FZ)
Input voltage VIN (V)
(VO=3V) R1=1k
Ω, R2=1.4kΩ,
VC=2.7V, CIN=0.33
µF, CO=47µF
07
6
5
4
3
2
1
4
0
1
2
3
RL=3
Ω (IO=1A)
RL=6
Ω (IO=0.5A)
RL=
∞Ω (IO=0A)
Input voltage VIN (V)
(VO=3V) R1=1k
Ω, R2=1.4kΩ,
VC=2.7V, CIN=0.33
µF, CO=47µF
07
6
5
4
3
2
1
4
0
1
2
3
RL=1.5
Ω (IO=2A)
RL=3
Ω (IO=1A)
RL=
∞Ω (IO=0A)
Input voltage VIN (V)
07
6
5
4
3
2
1
40
30
20
10
0
RL=3
Ω (IO=1A)
RL=6
Ω (IO=0.5A)
RL=
∞Ω (IO=0A)
(VO=3V), R1=1k
Ω, R2=1.4kΩ,
VC=2.7V, CIN=0.33
µF, CO=47µF
Input voltage VIN (V)
(VO=3V)
R1=1k
Ω,
R2=1.4k
Ω,
VC=2.7V
CIN=0.33
µF,
CO=47
µF
07
6
5
4
3
2
1
60
50
40
30
20
10
0
RL=1.5
Ω (IO=2A)
RL=3
Ω (IO=1A)
RL=
∞Ω (IO=0A)
0
0.7
0.6
0.5
0.4
0.3
0.2
0.1
–40 –20 0
20 40 60 80 100 120 140
Junction temperature Tj (˚C)
VIN=2.83V, IO=0.5A
R1=1k
Ω, R2=1.4kΩ
(On condition that VO=3V)
Junction temperature Tj (˚C)
0
0.5
0.45
0.4
0.35
0.3
0.25
0.2
0.15
0.1
0.05
–40 –20 0
20 40 60 80 100 120 140
VIN=2.83V, IO=2A,
R1=1k
Ω, R2=1.4kΩ
(On condition that VO=3V)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com