Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PQ150VB01FZ Datasheet(PDF) 1 Page - Sharp Corporation

Part # PQ150VB01FZ
Description  Variable Output Low Power-Loss Voltage Regulator (Built-in Overheart Shutdown function, Output ON/OFF control function)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PQ150VB01FZ Datasheet(HTML) 1 Page - Sharp Corporation

  PQ150VB01FZ Datasheet HTML 1Page - Sharp Corporation PQ150VB01FZ Datasheet HTML 2Page - Sharp Corporation PQ150VB01FZ Datasheet HTML 3Page - Sharp Corporation PQ150VB01FZ Datasheet HTML 4Page - Sharp Corporation PQ150VB01FZ Datasheet HTML 5Page - Sharp Corporation PQ150VB01FZ Datasheet HTML 6Page - Sharp Corporation PQ150VB01FZ Datasheet HTML 7Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Low Power-Loss Voltage Regulators
PQ150VB01FZ/PQ150VB02FZ
PQ150VB01FZ/PQ150VB02FZ
Variable Output Low Power-Loss Voltage Regulator (Built-in Overheart Shutdown function, Output ON/OFF control function)
I Outline Dimensions
(Unit : mm)
I Features
G
Low power-loss
(Dropout voltage: MAX. 0.5V at IO=0.5A)
G
Overheat shut-down function
G
Variable output voltage (setting range: 1.5 to 15V)
G
Compact resin mold package
(Equivalent to TO-220)
G
With built-in overcurrent protection
G
Reference voltage precision: ±2.0%
I Applications
G
Series power supply for TVs and VTRs
G
Power supplies for equipment
G
CRT displays
•Please refer to the chapter " Handling Precautions ".
I Absolute Maximum Ratings
Notice
In the absence of confirmation by device specification sheets,SHARP takes no responsibility for any defects that may occur in equipment using any SHARP
devices shown in catalogs,data books,etc.Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device.
Internet Internet address for Electronic Components Group http://sharp-world.com/ecg/
(6.8)
4–(1.7)
(5.0)
(1.5)
(0.5)
10.2
MAX.
ø3.2±
0.1
4.5±
0.2
2.8±
0.2
5–0.8±
0.1
3.2±
0.5
8.2±
0.7
1
2
3
4
5
Epoxy resin
Typical dimensions
( ) :
150VB01
1
3
2
4
5
Specific IC
Internal connection diagram
DC input (VIN)
ON/OFF control (VC)
DC output (VO)
Output voltage adjustment (VADJ)
GND
1
2
3
4
5
Parameter
Symbol
Rating
Unit
Input voltage
17
V
1.25
17
5
1
2
PQ150VB01FZ
PQ150VB02FZ
V
V
A
W
150
˚C
–40 to + 85
˚C
Junction temperature
Output current
Output adjustment terminal voltage
VIN
IO
ON/OFF control terminal voltage
VC
VADJ
Tj
(Ta
=25°C)
Operating temperature
Storage temperature
Soldering temperature
Topr
–40 to +150
˚C
Tstg
260 (10s)
˚C
Tsol
❇1
❇1
❇1
❇3
Power dissipation
PD1
12.5
W
PD2
❇2
❇1 All are open except GND and applicable terminals
❇2 Overheat shut-down function operates at Tj≥110˚C


Similar Part No. - PQ150VB01FZ

ManufacturerPart #DatasheetDescription
logo
Pico Technology Ltd.
PQ150 PICO-PQ150 Datasheet
4Mb / 22P
FlexRes oscilloscopes and MSOs
More results

Similar Description - PQ150VB01FZ

ManufacturerPart #DatasheetDescription
logo
NEC
UPC29S00 NEC-UPC29S00 Datasheet
74Kb / 16P
LOW DROPOUT VOLTAGE REGULATOR WITH ON/OFF FUNCTION
logo
Sanyo Semicon Device
LA5691D SANYO-LA5691D Datasheet
156Kb / 6P
Voltage Regulator Driver with Watchdog Timer(with Output ON/OFF Function)
logo
Sharp Corporation
PQ05RR1 SHARP-PQ05RR1 Datasheet
45Kb / 5P
1A Output, Low Power-Loss Voltage Regulators(Built-in Reset Signal Generating Function)
PQ05RR12 SHARP-PQ05RR12 Datasheet
39Kb / 5P
1A Output, Low Power-Loss Voltage Regulators(Built-in Reset Signal Generating Function)
PQ30RV31 SHARP-PQ30RV31 Datasheet
34Kb / 4P
Variable Output Low Power-Loss Voltage Regulator
PQ30VB11 SHARP-PQ30VB11 Datasheet
35Kb / 4P
Variable Output Low Power-Loss Voltage Regulator(Built-in Overheat Shut-Down Function)
PQ20RX05 SHARP-PQ20RX05 Datasheet
67Kb / 6P
Variable Output Type Low Power-Loss Voltage Regulator with ON/OFF Control Function
PQ30RV31 SHARP-PQ30RV31_01 Datasheet
56Kb / 5P
Variable Output Low Power-Loss Voltage Regulator
PQ070VK01FZH SHARP-PQ070VK01FZH Datasheet
410Kb / 6P
Variable Output, Low Power-Loss Voltage Regulators with Output ON/OFF Control Function
logo
Toshiba Semiconductor
TA48S00AF TOSHIBA-TA48S00AF Datasheet
227Kb / 10P
1A Output Current, Variable Output Voltage and Low Dropout Voltage Regulator with ON/OFF Control Switch
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com