Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAA7216HS/C1 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # SAA7216HS/C1
Description  Integrated MPEG AVGD decoders
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7216HS/C1 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button SAA7216HS/C1 Datasheet HTML 5Page - NXP Semiconductors SAA7216HS/C1 Datasheet HTML 6Page - NXP Semiconductors SAA7216HS/C1 Datasheet HTML 7Page - NXP Semiconductors SAA7216HS/C1 Datasheet HTML 8Page - NXP Semiconductors SAA7216HS/C1 Datasheet HTML 9Page - NXP Semiconductors SAA7216HS/C1 Datasheet HTML 10Page - NXP Semiconductors SAA7216HS/C1 Datasheet HTML 11Page - NXP Semiconductors SAA7216HS/C1 Datasheet HTML 12Page - NXP Semiconductors SAA7216HS/C1 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
2000 Jan 31
9
Philips Semiconductors
Preliminary specification
Integrated MPEG AVGD decoders
SAA7215; SAA7216; SAA7221
PINNING
Pinning table (listed numerically)
SYMBOL
PIN
TYPE(1)
DESCRIPTION
VSS
1
S
ground for pad ring
DATA(4)
2
I/O
CPU data input or output (bit 4); note 2
DATA(5)
3
I/O
CPU data input or output (bit 5); note 2
DATA(6
4
I/O
CPU data input or output (bit 6); note 2
DATA(7)
5
I/O
CPU data input or output (bit 7); note 2
DATA(8)
6
I/O
CPU data input or output (bit 8); note 2
DATA(9)
7
I/O
CPU data input or output (bit 9); note 2
VDD
8
S
supply voltage for pad ring
DATA(10)
9
I/O
CPU data input or output (bit 10); note 2
DATA(11)
10
I/O
CPU data input or output (bit 11); note 2
DATA(12)
11
I/O
CPU data input or output (bit 12); note 2
DATA(13)
12
I/O
CPU data input or output (bit 13); note 2
DATA(14)
13
I/O
CPU data input or output (bit 14); note 2
DATA(15)
14
I/O
CPU data input or output (bit 15); note 2
VSS
15
S
ground for pad ring
SDRAM_ADDR1(3)
16
O
SDRAM address 1 output (bit 3)
SDRAM_ADDR1(2)
17
O
SDRAM address 1 output (bit 2)
SDRAM_ADDR1(4)
18
O
SDRAM address 1 output (bit 4)
SDRAM_ADDR1(1)
19
O
SDRAM address 1 output (bit 1)
SDRAM_ADDR1(5)
20
O
SDRAM address 1 output (bit 5)
SDRAM_ADDR1(0)
21
O
SDRAM address 1 output (bit 0)
VDD
22
S
supply voltage for pad ring
SDRAM_ADDR1(6)
23
O
SDRAM address 1 output (bit 6)
SDRAM_ADDR1(10)
24
O
SDRAM address 1 output (bit 10)
SDRAM_ADDR1(7)
25
O
SDRAM address 1 output (bit 7)
VSS(CO)
26
S
ground for core logic
VDD(CO)
27
S
supply voltage for digital core logic
SDRAM_ADDR1(11)
28
O
SDRAM address 1 output (bit 11)
SDRAM_ADDR1(9)
29
O
SDRAM address 1 output (bit 9)
SDRAM_ADDR1(8)
30
O
SDRAM address 1 output (bit 8)
VSS
31
S
ground for pad ring
SDRAM_UDQ1
32
O
SDRAM write mask 1 output
SDRAM_RAS1
33
O
SDRAM row address strobe 1 output
SDRAM_CAS1
34
O
SDRAM column address 1 output
SDRAM_WE1
35
O
SDRAM write enable 1 output
VDD
36
S
supply voltage for pad ring
SDRAM_DATA1(8)
37
I/O
SDRAM data 1 input or output (bit 8)
SDRAM_DATA1(7)
38
I/O
SDRAM data 1 input or output (bit 7)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com