Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAA7216HS/C1 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # SAA7216HS/C1
Description  Integrated MPEG AVGD decoders
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SAA7216HS/C1 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button SAA7216HS/C1 Datasheet HTML 8Page - NXP Semiconductors SAA7216HS/C1 Datasheet HTML 9Page - NXP Semiconductors SAA7216HS/C1 Datasheet HTML 10Page - NXP Semiconductors SAA7216HS/C1 Datasheet HTML 11Page - NXP Semiconductors SAA7216HS/C1 Datasheet HTML 12Page - NXP Semiconductors SAA7216HS/C1 Datasheet HTML 13Page - NXP Semiconductors SAA7216HS/C1 Datasheet HTML 14Page - NXP Semiconductors SAA7216HS/C1 Datasheet HTML 15Page - NXP Semiconductors SAA7216HS/C1 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
2000 Jan 31
12
Philips Semiconductors
Preliminary specification
Integrated MPEG AVGD decoders
SAA7215; SAA7216; SAA7221
AVDD1
121
S
analog supply 1
VSS
122
S
ground for pad ring
GRPH
123
O/Z
indicator for graphics information output; note 2
VS
124
I/O
vertical synchronization input or output; note 2
HS
125
I/O
horizontal synchronization input or output; note 2
CP27
126
O
27 MHz video presentation clock output; note 2
VDD
127
S
supply voltage for pad ring
YUV(0)
128
I/O
YUV video input or output (bit 0);at 27 MHz; note 2
VSS(CO)
129
S
ground for core logic
VDD(CO)
130
S
supply voltage for digital core logic
YUV(1)
131
I/O
YUV video input or output (bit 1); at 27 MHz; note 2
YUV(2)
132
I/O
YUV video input or output (bit 2); at 27 MHz; note 2
YUV(3)
133
I/O
YUV video input or output (bit 3); at 27 MHz; note 2
YUV(4)
134
I/O
YUV video input or output (bit 4); at 27 MHz; note 2
YUV(5)
135
I/O
YUV video input or output (bit 5); at 27 MHz; note 2
YUV(6)
136
I/O
YUV video input or output (bit 6); at 27 MHz; note 2
YUV(7)
137
I/O
YUV video input or output (bit 7); at 27 MHz; note 2
VSS
138
S
ground for pad ring
SPDIF
139
O/Z
digital audio output; note 2
WS
140
O/Z
word select output; note 2
WB
141
O/Z
word begin output; note 2
SD
142
O/Z
serial audio data output; note 2
SCK
143
O/Z
serial audio clock output; note 2
FSCLK
144
I/O
256 or 384 x fs clock input or output;
RESET
145
I
hard reset input; note 2
TTX
146
I
teletext data input; note 2
TTXRQ/CPU_SEL(1)
147
I/O
teletext data request or CPU data interface selection (1); note 2; note 3
VDD
148
S
supply voltage for pad ring
IRQ(1)
149
O/Z
individually maskable interrupt (1) output; note 2
IRQ(0)
150
O/Z
individually maskable interrupt (0) output; note 2
V_REQ
151
O/Z
video data request output; note 2
A_REQ
152
O/Z
audio data request output; note 2
AUDDEN
153
I
byte synchronisation of serial audio input A_DATA; note 2
A_DATA
154
I
MPEG audio stream serial port input; note 2
AV_DATA(0)
155
I
MPEG stream port input (bit 0); note 2
AV_DATA(1)
156
I
MPEG stream port input (bit 1); note 2
AV_DATA(2)
157
I
MPEG stream port input (bit 2); note 2
AV_DATA(3)
158
I
MPEG stream port input (bit 3); note 2
AV_DATA(4)
159
I
MPEG stream port input (bit 4); note 2
AV_DATA(5)
160
I
MPEG stream port input (bit 5); note 2
AV_DATA(6)
161
I
MPEG stream port input (bit 6); note 2
SYMBOL
PIN
TYPE(1)
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com