Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PQ050DZ01ZP Datasheet(PDF) 2 Page - Sharp Corporation

Part # PQ050DZ01ZP
Description  Low Power-Loss Voltage Regulator
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PQ050DZ01ZP Datasheet(HTML) 2 Page - Sharp Corporation

  PQ050DZ01ZP Datasheet HTML 1Page - Sharp Corporation PQ050DZ01ZP Datasheet HTML 2Page - Sharp Corporation PQ050DZ01ZP Datasheet HTML 3Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Low Power-Loss Voltage Regulator
Electrical Characteristics
Standard Test Circuit
D5-020904
2/2
PQxxxDZ01Z series
Test Circuit for Ripple Rejection
(Unless otherwise specified,Vin=Vo(TYP.)+2V,Io=0.5A,Vc=2.7V,Ta=25˚C)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Output voltage
Vo
-
3.201
4.85
5.0
3.3
5.15
3.399
V
Load regulation
RegL
Io=5mA to 1.0A
-
0.1
1.0
%
Line regulation
RegI
*4 , Io=5mA
-
-
0.1
1.0
%
Temperature coefficient of output voltage
TcVo Tj=0 to125˚C,Io=5mA
-
±0.01
-
%/˚C
Ripple rejection
RR
-
60
-
dB
Dropout voltage
Vi-o
*5, Io=0.5 A
-
-
0.2
0.5
V
*6
ON-state voltage for control
VC(on)
-
2.0
-
V
OFF-state voltage for control
VC(off)
-
-
0.8
V
Quiescent current
Output OFF-state dissipation current
Iqs
Iq
Io=0A
Io=0A, VC=0.4V
-
3
5
5
mA
-
ON-state current for control
OFF-state current for control
IC(on)
IC(off)
VC=2.7V
VC=0.4V
-
-
-
-
-
2
µA
µA
µA
200
PQ050DZ01Z
PQ033DZ01Z
-
*4 PQ033DZ01Z : Vin = 4.3 to 8.3 V, PQ050DZ01Z:Vin =6 to 10 V
*5 PQ033DZ01Z : Vin = 3.7 V
PQ050DZ01Z : Input voltage shall be the value when output voltage is 95% in comparison with the initial value.
*6 In case of opening control terminal 2 , output voltage turns off.
R L
I q
IO
VO
0.33
µF
47 µF
47 µF
VIN
VC
A
A
A
V
VC
1
3
2
5
IO
R L
VIN
ei
eo
2.7 V
0.33
µF
V
~
~
5
2
1
3
f
=120Hz(sine wave)
IO
=0.3 A
ei(rms)
=0.5 V
RR
=20log(ei(rms)/eo(rms))
Vin
=7 V
Vin
=5.3 V
Ic



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com