Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PQ050DZ01ZP Datasheet(PDF) 1 Page - Sharp Corporation

Part # PQ050DZ01ZP
Description  Low Power-Loss Voltage Regulator
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PQ050DZ01ZP Datasheet(HTML) 1 Page - Sharp Corporation

  PQ050DZ01ZP Datasheet HTML 1Page - Sharp Corporation PQ050DZ01ZP Datasheet HTML 2Page - Sharp Corporation PQ050DZ01ZP Datasheet HTML 3Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Low Power-Loss Voltage Regulator
SC-63 Package, Low Power-Loss Voltage Regulator
(1) Output current :1 A
(2) Low dropout voltage: MAX. 0.5 V(Io=o.5 A)
(3) Built-in ON/OFF control function
(4) Built-in overcurrent protection, overheat protection
(5) SC-63 package.
(1) AV equipment.
(2) OA equipment.
Output voltage(VO)
Taping
Sleeve
Package
type
3.3 V
5.0 V
Outline Dimensions
Features
Applications
Model Line-up
(Unit : mm)
D5-020904
1/2
PQxxxDZ01Z series
(
) : Typical dimensions
0.5
0.2
0.1
Epoxy resin
(0.5)
(0.5)
(0 to 0.25)
6.6
MAX.
5.2
±0.5
2.3
±
±
0.5
4 (1.27)
3
1
2
3
4
5
050DZ01
Internal connection
Parameter
Symbol
Ratings
Unit
Vin
VC
IO
Pd
Tj
Topr
Tstg
Tsol
1
5
150
- 30 to +85
- 40 to +150
260 (for 10s)
9
9
10
10
V
V
A
W
˚C
˚C
˚C
˚C
Input voltage
ON/OFF control terminal voltage
Output current
Power dissipation
Junction temperature
Operating temperature
Storage temperature
Soldering temperature
*1
*1
*2
*3
*1 All are open except GND and applicable terminals.
*2 Pd: With infinite heat sink.
*3 Overheat protection may operate at 125
≤Tj≤150˚C.
(Ta=25˚C)
PQ033DZ01Z
PQ033DZ01ZP
PQ033DZ01ZZ
PQ050DZ01Z
PQ050DZ01ZP
PQ050DZ01ZZ
(In case of PQ050DZ01Z Series)
1
2
4
3
5
DC input(Vin)
ON/OFF control terminal(Vc)
DC output(Vo)
NC
GND
Specific IC
1
3
5
2
Absolute Maximum Ratings
(Notice)
•In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that may occur in equipment
using any SHARP devices shown in catalogs, data books, etc. Contact SHARP in order to obtain the latest device specification sheets before
using any SHARP device.
•Specifications are subject to change without notice for improvement.
(Internet)
•Data for Sharp's optoelectronic/power devices is provided on internet. (Address http://sharp-world.com/ecg/)
Under development
New product


Similar Part No. - PQ050DZ01ZP

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ050DNA1ZPH SHARP-PQ050DNA1ZPH Datasheet
172Kb / 6P
Compact Surface Mount type Low Power-Loss Voltage Regulators
More results

Similar Description - PQ050DZ01ZP

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PQ05RD21 SHARP-PQ05RD21 Datasheet
21Kb / 2P
Low Power-Loss Voltage Regulator
PQ15RW08 SHARP-PQ15RW08 Datasheet
20Kb / 2P
Low Power-Loss Voltage Regulator
PQ15RW21 SHARP-PQ15RW21 Datasheet
20Kb / 2P
Low Power-Loss Voltage Regulator
PQ1R30 SHARP-PQ1R30 Datasheet
18Kb / 2P
Low Power-Loss Voltage Regulator
PQ1S30 SHARP-PQ1S30 Datasheet
23Kb / 3P
Low Power-Loss Voltage Regulator
PQ07VR5MAZ SHARP-PQ07VR5MAZ Datasheet
50Kb / 3P
Low Power-loss Voltage Regulator
PQ033ES1MXP SHARP-PQ033ES1MXP Datasheet
39Kb / 3P
Low Power-Loss Voltage Regulator
PQ035ES1MXP SHARP-PQ035ES1MXP Datasheet
37Kb / 3P
Low Power-Loss Voltage Regulator
PQ1K333M2ZPH SHARP-PQ1K333M2ZPH Datasheet
45Kb / 3P
Low Power-Loss Voltage Regulator
PQ5RS1A SHARP-PQ5RS1A Datasheet
18Kb / 1P
Low Power-Loss Voltage Regulator
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com