Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX1509 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # AX1509
Description  150KHz, 2A PWM Buck DC/DC Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AX1509 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  AX1509 Datasheet HTML 1Page - List of Unclassifed Manufacturers AX1509 Datasheet HTML 2Page - List of Unclassifed Manufacturers AX1509 Datasheet HTML 3Page - List of Unclassifed Manufacturers AX1509 Datasheet HTML 4Page - List of Unclassifed Manufacturers AX1509 Datasheet HTML 5Page - List of Unclassifed Manufacturers AX1509 Datasheet HTML 6Page - List of Unclassifed Manufacturers AX1509 Datasheet HTML 7Page - List of Unclassifed Manufacturers AX1509 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Page No. : 2/8
DS-AX1509-01 Aug, 2006
www.Orister.com
Pin Connections
Absolute Maxium Rating (Note1)
Parameter
Symbol
Value
Unit
Supply Voltage
VCC
+24
V
On/Off Pin Input Voltage
VSD
-0.3~+18
V
Feedback Pin Voltage
VFB
-0.3~+18
V
Output Voltage to Ground
VOUT
-1
V
Power Dissipation
PD
Internally Limited
W
Operating Temperature
Topr
-40~+125
oC
Storage Temperature
Tstg
-65~+150
oC
Operating Voltage
VOP
+4.5~+22
V
Electrical Characteristics (Continued)
Specifications with boldface type apply over for full operating temperature range, the other type are for TJ=25
oC(Note 2)
Part No.
Parameter
Symbol
Conditions
Min.
Typ.
(Note3)
Max.
(Note4)
Unit
Output Voltage
VOUT
4.75V
≤VIN≤22V, 0.2A≤ILOAD≤2A
3.168
3.135
3.3
3.342
3.465
V
AX1509-3.3
Efficiency
η
VIN=12V, ILOAD=2A
-
73
-
%
Output Voltage
VOUT
7V
≤VIN≤22V, 0.2A≤ILOAD≤2A
4.800
4.750
5.0
5.200
5.250
V
AX1509-5.0
Efficiency
η
VIN=12V, ILOAD=2A
-
80
-
%
Output Voltage
VOUT
15V
≤VIN≤22V, 0.2A≤ILOAD≤2A
11.52
11.40
12.0
12.48
12.60
V
AX1509-12
Efficiency
η
VIN=25V, ILOAD=2A
-
90
-
%
Output Voltage
VOUT
4.5V
≤VIN≤22V, 0.2A≤ILOAD≤2A
VOUT programmed for 3V
1.213
1.200
1.25
1.287
1.300
V
AX1509-ADJ
Efficiency
η
VIN=12V, VOUT=3V, ILOAD=2A
-
73
-
%
Current
Source
Bias
1.235V
Reference
2.5V
Regulator
Start
Up
COMP
+
-
COMP
+
-
200mV
220mV
Driver
Thermal
Limit
150KHz
OSC.
COMP
+
-
AMP
+
-
Output
GND
VIN
SD
FB
R1=2.5K
R2
COMP
+
-
Current
Limit
++
R
3A
Switch
125V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com