Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX1509 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # AX1509
Description  150KHz, 2A PWM Buck DC/DC Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AX1509 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  AX1509 Datasheet HTML 1Page - List of Unclassifed Manufacturers AX1509 Datasheet HTML 2Page - List of Unclassifed Manufacturers AX1509 Datasheet HTML 3Page - List of Unclassifed Manufacturers AX1509 Datasheet HTML 4Page - List of Unclassifed Manufacturers AX1509 Datasheet HTML 5Page - List of Unclassifed Manufacturers AX1509 Datasheet HTML 6Page - List of Unclassifed Manufacturers AX1509 Datasheet HTML 7Page - List of Unclassifed Manufacturers AX1509 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Page No. : 1/8
DS-AX1509-01 Aug, 2006
www.Orister.com
AX1509
150KHz, 2A PWM Buck DC/DC Converter
Description
The AX1509 is Monolithic IC that design for a step-down DC/DC Converter, and own the
ability of driving a 2A load without additional transistor component. The output version
included 3.3V, 5V, 12V and an adjustable type. It operates at a switching frequency of
150KHz thus allowing smaller sized filter components than what would be needed with lower
frequency switching regulators. Other features include a guaranteed
±4% tolerance on
output voltage under specified input voltage and output load conditions, and
±15% on the
oscillator frequency. Regarding protected function, thermal shutdown is to prevent over
temperature operating from damage, and current limit is against over current operating of
the output switch.
Features
• 3.3V, 5V, 12V and adjustable
• Adjustable version output voltage range: 1.25-18V
• ±4% max over line and load conditions
• 150KHz ±15% fixed switching frequency
• TTL shutdown capability
• Operating voltage can be up to 22V
• Output load current: 2A
• SOP-8 and DIP-8 packages
• Low power standby mode
• Thermal-shuntdown and current-limit protection
• High efficiency
• Built-in switching a transistor on chip, requires only 4 external components
Applications
• Simple High-efficiency step-down regulator
• Positive to negative converter
• On-card switching regulators
Pin Connections
Pin1: Operating Voltage Input
Pin5: Ground
Pin2: Switch Output
Pin6: Ground
Pin3: Output Voltage Feedback Control
Pin7: Ground
8
7
6
5
1
2
3
4
Pin4: ON/OFF Shutdown
Pin8: Ground
8-Lead Plastic SOP-8
Package Code: S
•
8-Lead Plastic DIP-8
Package Code: P


Similar Part No. - AX1509

ManufacturerPart #DatasheetDescription
logo
TP-Link Technologies Co...
AX1500 TP-LINK-AX1500 Datasheet
1Mb / 7P
AX1500 Next-Gen Wi-Fi 6 Router
logo
ML Accessories Limited....
AX150L60 KNIGHTSBRIDGE-AX150L60 Datasheet
264Kb / 1P
AXEL - 150W 60° Lens Accessor
07/05/2024
AX150R KNIGHTSBRIDGE-AX150R Datasheet
221Kb / 1P
AXEL - 150W Reflector
07/05/2024
More results

Similar Description - AX1509

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1509 ANACHIP-AP1509 Datasheet
150Kb / 8P
150KHz, 2A PWM Buck DC/DC Converter
Rev. 0.1 Nov 27, 2003
logo
Diodes Incorporated
AP1509 DIODES-AP1509 Datasheet
196Kb / 12P
150KHz, 2A PWM BUCK DC/DC CONVERTER
AP1509 Rev. 1
logo
Orister Corporation
RS1509 ORISTER-RS1509 Datasheet
204Kb / 8P
150KHz, 2A PWM Buck DC/DC Converter
logo
Diodes Incorporated
AP1509 DIODES-AP1509_10 Datasheet
213Kb / 13P
150KHz, 2A PWM BUCK DC/DC CONVERTER
DS31016 Rev. 4 - 2
logo
HTC Korea TAEJIN Techno...
TJ1509A HTC-TJ1509A Datasheet
795Kb / 8P
150kHz, 2A PWM Buck DC/DC Converter
logo
Advanced Power Electron...
APE1701 A-POWER-APE1701 Datasheet
150Kb / 9P
150KHz, 2A PWM BUCK DC/DC CONVERTER
logo
TECHCODE SEMICONDUCTOR,...
TD1509 TECHCODE-TD1509 Datasheet
806Kb / 17P
2A 150KHz PWM Buck DC/DC Converter
logo
First Silicon Co., Ltd
FAC1509 FS-FAC1509 Datasheet
368Kb / 13P
2A 150KHZ PWM Buck DC/DC Converter
logo
Diodes Incorporated
AP1509 DIODES-AP1509_V01 Datasheet
421Kb / 12P
150kHz, 2A PWM BUCK DC-DC CONVERTER
Rev. 6 - 2 February 2020
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com