Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B65523-J-R87 Datasheet(PDF) 1 Page - EPCOS

Part # B65523-J-R87
Description  ER 9,5/5 Core
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B65523-J-R87 Datasheet(HTML) 1 Page - EPCOS

  B65523-J-R87 Datasheet HTML 1Page - EPCOS B65523-J-R87 Datasheet HTML 2Page - EPCOS B65523-J-R87 Datasheet HTML 3Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
464 08/01
I In accordance with IEC 61860
I For transformers featuring high inductance
and low overall height
I ER9,5 cores are supplied in sets
Magnetic characteristics (per set)
Σl/A = 1,54 mm–1
le
= 13,6 mm
Ae
= 8,81 mm2
Ve
= 120 mm3
Approx. weight 0,6 g/set
Ungapped
Material
AL value
nH
µe
Ordering code
T38
4500 + 40/– 30 %
5680
B65523-J-Y38
N87
800 + 30/– 20 %
1000
B65523-J-R87
B65523
ER 9,5/5 through ER 54/18/18
Core
ER 9,5/5


Similar Part No. - B65523-J-R87

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B65523-J-R87 TDK-B65523-J-R87 Datasheet
250Kb / 4P
For Switching Power Supplies SMD Cores
More results

Similar Description - B65523-J-R87

ManufacturerPart #DatasheetDescription
logo
EPCOS
B65513 EPCOS-B65513 Datasheet
69Kb / 2P
ER 14,5/6 Core
B65525 EPCOS-B65525 Datasheet
101Kb / 3P
ER 11/5 Core
B66347 EPCOS-B66347 Datasheet
89Kb / 3P
ER 42/22/15 Core
B66377 EPCOS-B66377 Datasheet
80Kb / 2P
ER 46/17/18 Core
B66391 EPCOS-B66391 Datasheet
76Kb / 2P
ER 49/27/17 Core
B66433 EPCOS-B66433 Datasheet
69Kb / 2P
ER 28/17/11 Core
logo
PHOENIX CONTACT
1713914 PHOENIX-1713914 Datasheet
77Kb / 2P
MKDS 5/ 8-9,5
1714971 PHOENIX-1714971 Datasheet
137Kb / 5P
MKDS 5/ 2-9,5
1714984 PHOENIX-1714984 Datasheet
140Kb / 5P
MKDS 5/ 3-9,5
1904257 PHOENIX-1904257 Datasheet
78Kb / 2P
MKDS 5/ 3-9,5 BU
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com