Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B65523-J-R87 Datasheet(PDF) 2 Page - EPCOS

Part # B65523-J-R87
Description  ER 9,5/5 Core
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B65523-J-R87 Datasheet(HTML) 2 Page - EPCOS

  B65523-J-R87 Datasheet HTML 1Page - EPCOS B65523-J-R87 Datasheet HTML 2Page - EPCOS B65523-J-R87 Datasheet HTML 3Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
465 08/01
SMD coil former with gullwing terminals
Material:
GFR liquid crystal polymer (UL 94 V-0, insulation class to IEC 60085:
F
max. operating temperature 155 °C), color code black
Solderability: to IEC 60068-2-20, test Ta, method 1 (aging 3): 350 °C, 1 s
Resistance to soldering heat: to IEC 60068-2-20, test Tb, method 1B: 350 °C, 3,5 s
permissible soldering temperature for wire-wrap connection on coil former: 400 °C, 1 s
Winding:
see “Processing Notes”, page 160
Yoke
Material:
Stainless spring steel (0,1 mm)
Coil former
Yoke
Sections
AN
mm2
lN
mm
AR value
µΩ
Terminals
Ordering code
1
3,23
18,4
196
8
B65527-B1008-T1
Yoke
B65527-A2000
FEK0412-V
_
5,1+0,2
11,6
8,2
ø4,5
0,3
_
0,3
0,2
_
1,35
12,2
PCB layout
Recommended
ø7,25 0,3
_
ø3,7+0,15
FEK0413-4
1,4
4,6
9,8
A
B
2
Section A-B
B65527
Accessories
ER 9,5/5



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com