Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NFNFBHP-9 Datasheet(PDF) 2 Page - Infinite Electronics International, Inc.

Part # NFNFBHP-9
Description  High Performance N-Female to N-Female Bulkhead 0-3 GHz Lightning Protector
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.

NFNFBHP-9 Datasheet(HTML) 2 Page - Infinite Electronics International, Inc.

  NFNFBHP-9 Datasheet HTML 1Page - Infinite Electronics International, Inc. NFNFBHP-9 Datasheet HTML 2Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
L-com, Inc. 50 High St., West Mill, 3
rd Floor, Suite #30 North Andover, MA 01845
www.L-com.com E-mail: sales@L-com.com Phone: 1-800-343-1455 Fax: 1-978-689-9484
© L-com, Inc. All Rights Reserved. L-com Global Connectivity and the L-com logo are registered marks.
Specifications
Electrical Specifications
Frequency Range
0 - 3 GHz
VSWR
< 1.2
Insertion Loss
0.4 dB Max (0 - 3 GHz)
Impedance
50 Ohm
Gas Tube Breakdown Voltage
90 V
Mechanical Specifications
Connectors
N-Female to Bulkhead N-Female
Connector Body Material
Nickel Plated Brass
Body Material
Nickel Plated Brass
Pin Material
Gold Plated Brass
"O"-Ring Material
Rubber
Dimensions (L x H x W)
2.5 x 0.9 x 0.9 inches
(64.7 x 25 x 25 mm)
Weight
0.29 lbs. (0.131 kg)
Operating Temperature
-67°F to 311°F
(-55°C to +155°C)
RoHS Compliant
Yes
Guaranteed Quality
This Lightning Protector is backed by L-com’s Limited Warranty.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com