Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NFNFBHP-9 Datasheet (PDF) - Infinite Electronics International, Inc.

NFNFBHP-9 Datasheet PDF - Infinite Electronics International, Inc.
Part # NFNFBHP-9
Download  NFNFBHP-9 Download
File Size   105.24 Kbytes
Page   2 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description High Performance N-Female to N-Female Bulkhead 0-3 GHz Lightning Protector

NFNFBHP-9 Datasheet (PDF)

Go To PDF Page Download Datasheet
NFNFBHP-9 Datasheet PDF - Infinite Electronics International, Inc.

Part # NFNFBHP-9
Download  NFNFBHP-9 Click to download

File Size   105.24 Kbytes
Page   2 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description High Performance N-Female to N-Female Bulkhead 0-3 GHz Lightning Protector

NFNFBHP-9 Datasheet (HTML) - Infinite Electronics International, Inc.


NFNFBHP-9 Product details

Applications and Features
Applications:  IEEE 802.11b/g Wireless LAN applications
 MMDS
 Cellular applications
 Amateur radio applications
Features:  Reliable Performance from DC ~ 3 GHz
 Bi-Directional Protection
 Protector will pass DC
 Easily Replaced Gas Tube Element
 Multi-Strike Capability

Description
The AL-NFNFBHP-9 is a very high-performance high power gas discharge tube
suppressor featuring operation up to 3 GHz. This unit features a bulkhead N-Female
connector with a rubber “O” Ring seal for mounting through an enclosure wall. An
optional stainless steel mounting bracket is also available.
The design of this protector provides outstanding performance and reliability due to
its internal components. A circular brass contact inside the AL-NFNFBHP ensures the
gas tube is firmly seated as well as providing a better contact point for the gas tube.
Most coaxial protectors are designed with only a thin pin that the gas tube sits on
Both connector ports of this unit are equally protected. This provides protection no
matter which way it is installed. Either port can face the antenna and either port can
face the equipment. A ground lug and terminal are provided directly on the lightning
protector housing which provides superior grounding.




Similar Part No. - NFNFBHP-9

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
NFNFB-2 L-COM-NFNFB-2 Datasheet
89Kb / 2P
N-Female to N-Female Bulkhead 0-3 GHz Coaxial Lightning Protector
NFNFB-3 L-COM-NFNFB-3 Datasheet
89Kb / 2P
N-Female to N-Female Bulkhead 0-3 GHz Coaxial Lightning Protector
NFNFB-6 L-COM-NFNFB-6 Datasheet
89Kb / 2P
N-Female to N-Female Bulkhead 0-3 GHz Coaxial Lightning Protector
NFNFB-9 L-COM-NFNFB-9 Datasheet
89Kb / 2P
N-Female to N-Female Bulkhead 0-3 GHz Coaxial Lightning Protector
NFNFBW-9 L-COM-NFNFBW-9 Datasheet
58Kb / 1P
LP,N-FEMALE TO N-FEMALE 0-6GHz
08/24/2010
More results


Similar Description - NFNFBHP-9

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7301-3 PASTERNACK-PE7301-3 Datasheet
84Kb / 1P
N FEMALE BULKHEAD COAX SURGE PROTECTOR
PE7301-4 PASTERNACK-PE7301-4 Datasheet
84Kb / 1P
N FEMALE BULKHEAD COAX SURGE PROTECTOR
PE9252 PASTERNACK-PE9252 Datasheet
255Kb / 3P
SMA Female to N Female Bulkhead Adapter
PE9261 PASTERNACK-PE9261 Datasheet
239Kb / 2P
N Female to BNC Female Bulkhead Adapter
PE9408 PASTERNACK-PE9408 Datasheet
244Kb / 2P
Bulkhead SMA Female to N Female Adapter
PE9540 PASTERNACK-PE9540 Datasheet
255Kb / 2P
Bulkhead N Female to BNC Female Adapter
logo
Amphenol Corporation
172371 AMPHENOL-172371 Datasheet
494Kb / 1P
N FEMALE TO N FEMALE BULKHEAD ADAPTER, LOW PIM
logo
Pasternack Enterprises,...
PE9500 PASTERNACK-PE9500 Datasheet
358Kb / 4P
Precision Bulkhead N Female to N Female Adapter
PE91201 PASTERNACK-PE91201 Datasheet
336Kb / 3P
Bulkhead N Female to N Female Adapter IP67 Mated
PE91238 PASTERNACK-PE91238 Datasheet
363Kb / 3P
Bulkhead N Female to N Female Adapter IP67 UnMated
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com