Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B66421 Datasheet(PDF) 2 Page - EPCOS

Part # B66421
Description  EFD 25/13/9 Core
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B66421 Datasheet(HTML) 2 Page - EPCOS

  B66421 Datasheet HTML 1Page - EPCOS B66421 Datasheet HTML 2Page - EPCOS B66421 Datasheet HTML 3Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
513 08/01
Coil former
Material:
GFR thermosetting plastic; UL 94 V-0, insulation class to IEC 60085:
B66422-B: F
max.operating temperature 155 °C; color code green
B66422-W: H
max.operating temperature 180 °C; color code black
Solderability: to IEC 60068-2-20, test Ta, method 1 (aging 3): 235 °C, 2 s
Resistance to soldering heat: to IEC 60068-2-20, test Tb, method 1B: 350 °C, 3,5 s
Winding:
see “Processing Notes”, page 157
Squared pins
Yoke
Material:
Stainless spring steel (0,4 mm)
Coil former
Yoke
Coil former
Ordering code
Sections
AN
mm2
lN
mm
AR value
µΩ
Pins
1
40,7
50
42,3
10
B66422-B1010-D1
B66422-W1010-D1
Yoke (ordering code per piece, 2 are required)
B66422-B2000
FEK0330-M
12
345
10
9876
11,7+0,2
0,6
16,4 min.
5
1
10
6
Montagelochung
5
CuSn6, verzinnt
Duroplast
25±0,2
_
13,1 0,2
ø 1,3+0,1
4 x 5 = 20
18 0,25
_
Markierung für Stift 1
0,2
18 _
FEK0273-Z
6,15
8,3 max.
Ansicht A
A
Mounting holes
Marking of pin 1
View A
CuSn6, tinned
Thermosetting plastic
B66422
Accessories
EFD 25/13/9



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com