Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B66421 Datasheet(PDF) 1 Page - EPCOS

Part # B66421
Description  EFD 25/13/9 Core
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B66421 Datasheet(HTML) 1 Page - EPCOS

  B66421 Datasheet HTML 1Page - EPCOS B66421 Datasheet HTML 2Page - EPCOS B66421 Datasheet HTML 3Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
512 08/01
I E core with flattened, lower center leg
for especially flat transformer design
I For DC/DC converters
I EFD cores are supplied as single units
Magnetic characteristics (per set)
Σl/A = 0,98 mm–1
le
= 57 mm
Ae
= 58 mm2
Amin = 57 mm2
Ve
= 3 310 mm3
Approx. weight 16,6 g/set
Ungapped
Gapped
The AL value in the table applies to a core set comprising one ungapped core (dimension g = 0) and
one gapped core (dimension g > 0).
Calculation factors (for formulas, see “E cores: general information”, page 382)
Validity range:
K1, K2: 0,10 mm < s < 1,40 mm
K3, K4: 50 nH < AL < 410 nH
Material
AL value
nH
µe
AL1min
nH
PV
W/set
Ordering code
N87
2000 + 30/– 20 % 1560 1280
< 1,80
(200 mT, 100 kHz, 100 °C)
B66421-G-X187
Material
AL value
nH
µe
g
approx. mm
Ordering code
N87
160
± 10 %
125
0,55
B66421-U160-K187
250
± 10 %
195
0,30
B66421-U250-K187
315
± 10 %
246
0,22
B66421-U315-K187
Material
Relationship between
air gap – AL value
Calculation of saturation current
K1 (25 °C)
K2 (25 °C)
K3 (25 °C)
K4 (25 °C)
K3 (100 °C) K4 (100 °C)
N87
103
– 0,734
154
– 0,796
138
– 0,873
B66421
Core
EFD 25/13/9


Similar Part No. - B66421

ManufacturerPart #DatasheetDescription
logo
EPCOS
B66421 EPCOS-B66421 Datasheet
151Kb / 5P
Ferrites and accessories
B66421 EPCOS-B66421 Datasheet
254Kb / 8P
Ferrites and accessories
B66421G0000X187 EPCOS-B66421G0000X187 Datasheet
151Kb / 5P
Ferrites and accessories
B66421G0000X187 EPCOS-B66421G0000X187 Datasheet
254Kb / 8P
Ferrites and accessories
B66421G0000X187 EPCOS-B66421G0000X187_13 Datasheet
254Kb / 8P
Ferrites and accessories
More results

Similar Description - B66421

ManufacturerPart #DatasheetDescription
logo
EPCOS
B66317 EPCOS-B66317 Datasheet
113Kb / 6P
E 25/13/7 (EF 25) Core
B66363 EPCOS-B66363 Datasheet
104Kb / 4P
ETD 39/20/13 Core
B66408 EPCOS-B66408 Datasheet
69Kb / 2P
EV 25/13/13 Core
B66411 EPCOS-B66411 Datasheet
77Kb / 2P
EFD 10/5/3 Core
B66417 EPCOS-B66417 Datasheet
85Kb / 3P
EFD 20/10/7 Core
B66423 EPCOS-B66423 Datasheet
87Kb / 3P
EFD 30/15/9 Core
B66432 EPCOS-B66432 Datasheet
69Kb / 2P
EV 30/16/13 Core
logo
FERYSTER Inductive Comp...
EFD-15-K-10P-4S-SMD FERYSTER-EFD-15-K-10P-4S-SMD Datasheet
104Kb / 1P
EFD Bobbin
EFD15-K-H-9P FERYSTER-EFD15-K-H-9P Datasheet
91Kb / 1P
EFD Bobbin
logo
Fair-Rite Products Corp...
8978151521 FAIR-RITE-8978151521 Datasheet
512Kb / 1P
EFD Cores
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com