Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1292085 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1292085
Description  SAC-4P-M12MSS PE SH US/.../... - Power cable
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1292085 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1292085 Datasheet HTML 1Page - PHOENIX CONTACT 1292085 Datasheet HTML 2Page - PHOENIX CONTACT 1292085 Datasheet HTML 3Page - PHOENIX CONTACT 1292085 Datasheet HTML 4Page - PHOENIX CONTACT 1292085 Datasheet HTML 5Page - PHOENIX CONTACT 1292085 Datasheet HTML 6Page - PHOENIX CONTACT 1292085 Datasheet HTML 7Page - PHOENIX CONTACT 1292085 Datasheet HTML 8Page - PHOENIX CONTACT 1292085 Datasheet HTML 9Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Power cable, 4-position, PVC, black, shielded (Advanced Shielding Technology), Plug straight
M12, coding: S, on free cable end, cable length: Free input (0.2 ... 40.0 m)
Your advantages
Easy and safe: 100 % electrically tested plug-in components
•
Protection against incorrect connection using special S-coding
•
Shield power reliably – 360° shielding to reduce electromagnetic loads
•
Commercial data
Item number
1292085
Packing unit
1 pc
Minimum order quantity
1 pc
Sales key
******
Product key
BF1IKH
Weight per piece (including packing)
22.22 g
Weight per piece (excluding packing)
22.22 g
Country of origin
US
SAC-4P-M12MSS PE SH US/.../... - Power cable
1292085
https://www.phoenixcontact.com/us/products/1292085
Jul 2, 2024, 6:43 AM
Page 1 (9)


Similar Part No. - 1292085

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1292080 PHOENIX-1292080 Datasheet
768Kb / 27P
Feed-through terminal block - PTV 6 OG
10/14/2021
1292081 PHOENIX-1292081 Datasheet
531Kb / 10P
SAC-4P-M12MRS-FRS PE US/.../... - Power cable
1292087 PHOENIX-1292087 Datasheet
426Kb / 9P
SAC-4P-M12MRS PE SH US/.../... - Power cable
More results

Similar Description - 1292085

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1415202 PHOENIX-1415202 Datasheet
110Kb / 5P
Power cable - SAC-4P-MRT/ 1,5-PUR/FRT SH SCO
1415203 PHOENIX-1415203 Datasheet
110Kb / 5P
Power cable - SAC-4P-MRT/ 3,0-PUR/FRT SH SCO
1415204 PHOENIX-1415204 Datasheet
110Kb / 5P
Power cable - SAC-4P-MRT/ 5,0-PUR/FRT SH SCO
1417687 PHOENIX-1417687 Datasheet
114Kb / 5P
Power cable - SAC-4P-MST/ 5,0-PUR/FST SH SCO
1415343 PHOENIX-1415343 Datasheet
66Kb / 4P
Power cable - SAC-4P-20,0-PUR/M12FST SH
1423650 PHOENIX-1423650 Datasheet
65Kb / 4P
Power cable - SAC-4P-M12MSS/3,0-PUR/FSSPESH
1423665 PHOENIX-1423665 Datasheet
65Kb / 4P
Power cable - SAC-4P-M12MSS/10,5-PUR/FSSPESH
1425622 PHOENIX-1425622 Datasheet
67Kb / 4P
Power cable - SAC-3P-M12MSS/ 2,5-PVC PE
1408848 PHOENIX-1408848 Datasheet
157Kb / 11P
Power cable - SAC-4P- 1,0-PUR/M12FRS PE
09/11/2020
1424122 PHOENIX-1424122 Datasheet
155Kb / 9P
Power cable - SAC-4P-M12MST/ 5,0-PUR SH
09/11/2020
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com