Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1292085 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1292085
Description  SAC-4P-M12MSS PE SH US/.../... - Power cable
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1292085 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1292085 Datasheet HTML 1Page - PHOENIX CONTACT 1292085 Datasheet HTML 2Page - PHOENIX CONTACT 1292085 Datasheet HTML 3Page - PHOENIX CONTACT 1292085 Datasheet HTML 4Page - PHOENIX CONTACT 1292085 Datasheet HTML 5Page - PHOENIX CONTACT 1292085 Datasheet HTML 6Page - PHOENIX CONTACT 1292085 Datasheet HTML 7Page - PHOENIX CONTACT 1292085 Datasheet HTML 8Page - PHOENIX CONTACT 1292085 Datasheet HTML 9Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Technical data
Product properties
Product type
Power cable
Application
Power supply
Number of positions
4
No. of cable outlets
1
Shielded
yes
Coding
S
Insulation characteristics
Overvoltage category
III
Degree of pollution
3
Material specifications
Flammability rating according to UL 94
V0
Material of grip body
PP
Contact material
CuZn
Contact surface material
Ni/Au
Contact carrier material
PA
Material for screw connection
Zinc die-cast, nickel-plated
Electrical properties
Insulation resistance
≥ 100 MΩ
Nominal voltage UN
600 V AC
Nominal current IN
16 A
Mechanical properties
Mechanical data
Insertion/withdrawal cycles
> 100
Connector
Connection 1
Type
Plug straight M12
Coding type
S (Power)
Connection 2
Type
free cable end
Cable/line
Cable length
Free input (0.2 ... 40.0 m)
TC-ER 600V [PVC]
Cable weight
203 kg/km
SAC-4P-M12MSS PE SH US/.../... - Power cable
1292085
https://www.phoenixcontact.com/us/products/1292085
Jul 2, 2024, 6:43 AM
Page 2 (9)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com